Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments LP3913 Datasheet HTML 15Page - Texas Instruments LP3913 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
BUCK2 CONVERTER ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VIN3 = 3.6V, VOUT = default value, CVIN3 = 10 µF, CSW1 = 10 µF, LSW2 = 2.2 µH Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, 0°C to +125°C. Modulation mode is PWM mode with automatic switch to PFM at light loads.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOUT
Continuous Output
600
mA
Current
Peak Output Current
850
1000
1150
mA
Limit
IPFM
Max ILOAD, PFM
75
mA
Mode
IQ
Quiescent Current
IOUT = 0 mA
30
90
µA
Buck2 Disabled
1
FOSC
Internal Oscillator
PWM Mode
2
MHz
Frequency
η
Peak Efficiency
90
%
TON
Turn-on Time
To 95% Level (1)
1
ms
(1)
Specified by design. Not production tested.
BUCK3 ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN4 = 3.6V, CVIN4 = 10 µF, CBB = 22 µF, LBB = 2.2 µH Typical values and limits appearing in normal
type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation,
0°C to +125°C. Modulation mode is PWM mode with automatic switch to PFM at light loads.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN4
Input Voltage
IOUTMAX = 500 mA
2.7
5.7
V
VOUT Range
Output Voltage
1.80V – 3.30V in 50 mV
1.8
3.3
V
Programming Range
Steps
ΔVOUT
Static Output Voltage
IOUT = 0 mA–500 mA,
Tolerance
Including Line and Load
−4
4
%
Regulation
Line Regulation
IOUT = 10 mA
0.2
%/V
Load Regulation
100 mA < IOUT < 500 mA
0.0016
%/mA
IOUT
Continuous Output
500
mA
Current
Peak Inductor Current VOUT = 3.3V
900
1200
mA
Limit
1A Load at VIN = 2.7V
IPFM
Max ILOAD, PFM
75
mA
Mode
IQ
Quiescent Current
IOUT = 0 mA PFM No
80
Switching
µA
Buck3 Disabled
1
FOSC
Internal Oscillator
PWM Mode
2
MHz
Frequency
η
Peak Efficiency
93
%
TON
Turn-on Time
To 95% Level (1)
1
ms
(1)
Specified by design. Not production tested.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com