Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 16Page - Texas Instruments LP3913 Datasheet HTML 17Page - Texas Instruments LP3913 Datasheet HTML 18Page - Texas Instruments LP3913 Datasheet HTML 19Page - Texas Instruments LP3913 Datasheet HTML 20Page - Texas Instruments LP3913 Datasheet HTML 21Page - Texas Instruments LP3913 Datasheet HTML 22Page - Texas Instruments LP3913 Datasheet HTML 23Page - Texas Instruments LP3913 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
OUTPUT CURRENT (mA)
100.00
90.00
80.00
70.00
60.00
50.00
0.1
1.0
10
100
1000
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
OUTPUT CURRENT (mA)
95. 0
90. 0
85. 0
80. 0
75. 0
70. 0
65. 0
60. 0
55. 0
50. 0
0.1
1.0
10
100
1000
Vin = 3.6V
Vin = 4V
Vin = 5V
OUTPUT CURRENT (mA)
90.0
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
0.1
1.0
10
100
1000
Vin = 3.6V
Vin = 4V
Vin = 5V
OUTPUT CURRENT (mA)
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
0.1
1.0
10
100
1000
Vin = 3. 6V
Vin = 4V
Vin = 5V
OUTPUT CURRENT (mA)
85.0
80.0
75.0
70.0
65.0
60.0
55.0
50.0
45.0
40.0
0.1
1.0
10
100
1000
Vin = 3. 2V
Vin = 4V
Vin = 5V
OUTPUT CURRENT (mA)
95.0
90.0
85.0
80.0
75.0
70.0
65.0
60.0
55.0
50.0
0.1
1.0
10
100
1000
Vin = 3.2V
Vin = 4V
Vin = 5V
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS - BUCK (continued)
TA = 25°C unless otherwise noted
Buck 1 Efficiency vs. Output Current
Buck 1 Efficiency vs. Output Current
(PFM to PWM mode, Vout =1.2V, L= 2.2µH)
(PFM to PWM mode, Vout =2.0V, L= 2.2µH)
Figure 29.
Figure 30.
Buck 2 Efficiency vs. Output Current
Buck 2 Efficiency vs. Output Current
(Forced PWM Mode, Vout =1.8V, L= 2.2µH)
(Forced PWM Mode, Vout =3.3V, L= 2.2µH)
Figure 31.
Figure 32.
Buck 2 Efficiency vs. Output Current
Buck 2 Efficiency vs. Output Current
(PFM to PWM Mode, Vout =1.8V, L= 2.2µH)
(PFM to PWM Mode, Vout =3.3V, L= 2.2µH)
Figure 33.
Figure 34.
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com