Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 4 Page - Texas Instruments

  LP3913 Datasheet HTML 1Page - Texas Instruments LP3913 Datasheet HTML 2Page - Texas Instruments LP3913 Datasheet HTML 3Page - Texas Instruments LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Pin #
Name
I/O
Type
Functional Description
14
NRST
O
Open
Open drain active low reset during Standby
Drain
15
CHG
O
D
This output indicates that a valid charger supply source (USB adapter) has been detected,
and the IC is charging. (Red LED)
16
STAT
O
D
Battery Status output indicator - Off during CC, 50% duty cycle during CV, 100% duty
cycle with a fully charged Li-ion battery (Green LED)
17
BUCK1EN
I
D
Digital input to enable/disable BUCK1
18
VFB1
I
A
Buck1 Feedback input terminal
19
BCKGND1
G
G
Buck1 Ground
20
VBUCK1
O
A
Buck1 Output
21
VIN2
I
PWR
Power input to BUCK1. VIN2 pin must be externally shorted to the VDD pins.
22
VIN3
I
PWR
Power input to BUCK2. VIN3 pin must be externally shorted to the VDD pins.
23
VBUCK2
O
A
Buck2 Output
24
BCKGND2
G
G
Buck2 Ground
25
VFB2
I
A
Buck2 Feedback input terminal
26
ONOFF
I
D
Power ON/OFF pin configured either as level (High or Low) triggered or edge (High or
Low) triggered.
27
I2C_SCL
I
D
I2C-compatible interface clock terminal
28
VDDIO
I
D
Supply to input / output stages of digital I/O
29
I2C_SDA
I/O
D
I2C-compatible interface data terminal
30
ONSTAT
O
Open
Open Drain output that reflects the debounced state of ONOFF pin.
Drain
31
VFB3
I
A
Buck3 Feedback input terminal
32
VBUCK3
O
A
Buck3Output voltage
33
VBUCK3L2
I
A
Buck3 inductor
34
BCK3GND1
G
G
Buck3t high current ground
35
VBUCK3L1
I
A
Buck3 inductor
36
VIN4
I
PWR
Power input to Buck3. VIN4 pin must be externally shorted to the VDD pins.
37
USBSUSP
I
D
This pin needs to be pulled high during USB suspend mode.
38
USBISEL
I
D
Pulling this pin low limits the USB charge current to 100 mA. Pulling this pin high limits the
USB charge current to 500 mA.
39
BUCK3GND2
G
G
Buck3 Core Ground
40
DGND
G
G
Digital ground
41
VDD3
I
PWR
Power input to supply application. This pin must be externally shorted to VDD1 and
VDD2.
42
VDD2
I
PWR
Power input to supply application This pin must be externally shorted to VDD1 and VDD3.
43
VBATT3
O
A
Positive battery terminal. This pin must be externally shorted to V\BATT1 and VBATT2.
44
VBATT2
O
A
Positive battery terminal. This pin must be externally shorted to VBATT1 and VBATT3.
45
USBPWR
I
PWR
USB power input pin
46
VDD1
I
PWR
Power input to supply application This pin is shorted to VDD2 and VDD3.
47
CHG_DET
I
A
Wall adapter power input pin
48
IREF
I
A
A 121 k
Ω resistor must be connected between this pin and AGND. The resistor value
determines the reference current for the internal bias generator.
A: Analog Pin D: Digital Pin
G: Ground Pin
PWR: Power Pin
I: Input Pin
I/O: Input/Output Pin
O: Output Pin
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com