Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
CHCTL Register (01)h Charger Control Register
D7–6
D5–2
D1
D0
Access
rw
Data
Termination voltage
ICC: Full Rate Charge
Charger enable
End of Charge Select
current
00: 4.1V (Li Ion)
0000: 100 mA
0: disabled
0: 5%
01: 4.2V (Li Polymer )
0001: 200 mA
1: enabled
1: 10%
10: 4.38V (Li Polymer)
0010: 300 mA
11: reserved
0011: 400 mA
0100: 500 mA
0101: 600 mA
0110: 700 mA
0111: 800 mA
1000: 900 mA
1001: 1000 mA
Reset
01
0000
1
1
Battery Charger Operating Modes
Pre-Qualification Mode
Lithium batteries cannot be subjected to a high current when the battery voltage is under a certain threshold,
otherwise the longevity of the battery would be compromised. Below this threshold of VFULLRATE, which typically
measures 2.85V, the charger circuit supplies a pre-qualification charge current. If the wall adapter is charging the
battery, the charger circuit supplies a constant current of 10% of the programmed charge current. If the USB is
charging the battery, the charger circuit supplies a constant 50 ma charge current. When the battery voltage
reaches VFULL_RATE, the charger transitions from pre-qualification to full-rate charging. In Pre-qualification mode,
the STAT2, STAT1, and STAT0 bits in the charger supervisory register are respectively low, low, high.
Full-Rate Charging Mode
The full-rate charge cycle is initiated following the successful completion of the pre-qualification mode. During
Full-Rate charging, the battery voltage steadily increases while charged with a constant current (CC). The three
charger status bits STAT2, STAT1 and STAT0 are respectively low, high, and low. The full-rate charge current is
selected using the Charge Control Register, which defaults to 100 mA.
It is recommended to charge Li-Ion batteries at a rate of 1C, where “C” is the capacity of the battery. As an
example, it is recommended to charge a battery with a capacity of 800 mAh at 800 mA, or 1C. Charging at a
higher rate may compromise the quality and lifetime of the battery.
Constant-Voltage (CV) Charging Mode
The battery voltage increases rapidly as a result of full-rate charging and once it reaches the programmable
termination voltage of either 4.1V, 4.2V or 4.38V, the charger will move to constant-voltage charge mode. During
this mode, the charge current gradually decreases while the battery remains at the termination voltage. The
termination voltage can be selected to be either 4.1V, 4.2V or 4.38V by programming bits D6 and D7 in the
Charger Control register to accommodate different battery chemistries. In CV charging mode, the Charge Control
Status bits STAT2, STAT1 and STAT0 are respectively logic 0, logic 1 and logic 1.
TOP-OFF Charging Mode
When the charge current reduces to the EOC threshold (programmable to 5% or 10% of programmed full rate
charge current), constant voltage charging will continue for an additional 21 minute TOP-OFF time period. In
TOP-OFF charging mode, the Charge Control Status bits STAT2, STAT1 and STAT0 are respectively logic 1,
logic 1 and logic 1. At the end of the TOP-OFF period, the charger transitions to Charge Cycle Complete.
Charge Cycle Complete
During Charge Cycle Complete, the charger is automatically disabled, regardless of the state of the Charge
Enable Bit. In Charge Cycle Complete, the STAT2, STAT1 and STAT0 bits are respectively logic 1, logic 0 and
logic 1. When the Battery Voltage drops below the VRESTART threshold, charging will resume in Full-Rate
Charging Mode.
38
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com