Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
INPUTS ELECTRICAL CHARACTERISTICS: POWERACK, ONOFF, LDO2EN, BUCK1EN
Unless otherwise noted, VDD = 5V, VBATT = 3.6V. CBATT = 4.7 µF, CCHG_IN = 10 µF. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TJ = 0°C to +125°C.
(1) (2) (3) (4) (5) (6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input Low Level
0.4
V
VIH
Input High Level
1.4
V
ILEAKAGE
Input Leakage
−1
1
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(5)
Typical values and limits appearing in normal type for TJ = 25°C. Limits appearing in boldfacetype apply over the entire junction
temperature range for operation,
−40°C to +125°C.
(6)
LDO2EN, BUCK1EN, and USBSUSP have weak internal pull downs while pins POWERACK, ONOFF do not have this.
LDO1: LOW DROPOUT LINEAR REGULATORS
Unless otherwise noted, VIN1 = 3.6V, IMAX = 150 mA, VOUT = Default Value, CVDD = 10 µF, CLDO1 = 1.0 µF, ESR = 5 mΩ–500
m
Ω, CVREFH = 100 nF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, 0°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN1
Operational Voltage Range
2.5
6.0
V
VOUT Range
Output Voltage
TA = 25°C
1.2
3.3
V
Programming Range
1.2V–3.3V in 100 mV Steps
VOUT Accuracy
Output Voltage Accuracy
1 mA
≤ IOUT ≤ IMAX, Over
Full Line and Load
−3
3
%
Regulation.
VOUT = Default Value.
ΔVOUT
Line Regulation
VIN = (VOUT + 500 mV) to
3
mV
5.5V, Load Current = IMAX
Load Regulation
VIN = 3.6V,
10
mV
Load Current = 1 mA to IMAX
ISC
Short Circuit Current Limit
VOUT = 0V
600
750
mA
VIN – VOUT
Dropout Voltage
Load Current = IMAX
60
150
mV
PSRR
Power Supply Ripple
F = 10 kHz, Load Current =
30
dB
Rejection
IMAX
RSHUNT
LDO Output Impedance
LDO Disabled, VOUT =
200
Ω
Default Value
LDO2: LOW DROPOUT LINEAR REGULATOR
Unless otherwise noted VIN1 = 3.6V, IMAX = 150 mA, VOUT = Default Value, CVDD = 10.0 µF, CLDO2 = 1.0 µF, ESR = 5 mΩ–500
m
Ω, CVREFH = 100 nF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, 0°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN2
Operational Voltage Range
2.5
6.0
V
VOUT Range
Output Voltage
TA = 25°C
1.3
3.3
V
Programming Range
1.3V–3.3V in 100 mV Steps
VOUT Accuracy
Output Voltage Accuracy
1 mA
≤ IOUT ≤ IMAX, Over
(Default VOUT)
Full Line and Load
−3
3
%
Regulation.
ΔVOUT
Line Regulation
VIN = (VOUT + 500 mV) to
5.5V,
3
mV
Load Current = IMAX
Load Regulation
VIN = 3.6V,
10
mV
Load Current = 1 mA to IMAX
ISC
Short Circuit Current Limit
VOUT = 0V
600
750
mA
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com