Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
The Safety timer resets and starts counting from zero upon the following events:
1. Power ON (through connecting valid power to either USBPWR or CHGN_IN pins).
2. Interchanging USBPWR and CHG_IN sources
3. The voltage of a charged battery drops below the restart value and the charger is enabled
4. Disabling and re-enabling of the charger by toggling bit D1 of the Charge Control Register
5. Emerging from Thermal Shutdown
6. Emerging from a battery temperature out-of-range and the charger is enabled
7. Emerging from USB suspend mode when charging with USB power
Charging Maintenance
When a fully charged battery is being loaded by the system while the external power is present and while bit D1
in the charge control register is set to a 1 (Charge enable) then the charging will restart when the battery voltage
drops below the charging restart threshold. The value of the threshold depends on the termination voltage
according to the following table:
Vterm
Charging restart voltage
4.1V
3.9V
4.2V
4.0V
4.38V
4.2V
CHSPV Register (02)h Charger Supervisor Register
D7–6
D5
D4
D3
D2–0
Access
Read only
r/w
r/w
r/w
Data
Reserved
LED Current
LED ENABLE
Battery
Charger status
0: Disabled
temperature
1:Enabled
range
0: 5 mA
0: 0°C–50°C
Stat2
Stat1
Stat0
1: 10 mA
1: 0°C–45°C
0
0
0
Charger is off
0
0
1
Prequalification
0
1
0
Constant current
charging
0
1
1
Constant voltage
charging
1
0
0
Error
1
0
1
Charge cycle
complete
1
1
0
Safety Timer
Expired
1
1
1
EOC / Top-off
Reset
n/a
1
1
0
2’b000
Power Routing
The LP3913 power can originate from three different sources: Adapter power, USB power or battery power. The
objective of the power routing is to be able to:
•
Operate the portable system from external power regardless of the battery voltage.
•
Operate the portable system from USBPWR when the battery exceeds the Full Rate Qualification Threshold
voltage (Vfullrate).
•
Concurrently charging and operating the system when external power is present
•
Seamless selection of Adapter or USB power as the primary external power source
Power Routing supports 4 modes:
1. A regulated external adapter power is present and concurrently supplies the system power and the battery
40
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com