Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack stop
ack from slave
ack from slave
SCL
start
id = K¶60
w ack
register addr = K¶10
GDWDDGGUK¶6A
ack
ack stop
SDA
rs
msb Chip Address lsb
r
ack
repeated start
data from slave
ack from master
r
id = K¶60
ack
rs
SCL
SDA
start
id = K¶60
w ack
addr = K¶00
DGGUHVVK¶$$GDWD
ack
ack
stop
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack
stop
ack from slave
ack from slave
1
2
3
4
5 6
7
8
9
1
2
3 ...
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Figure 62. I2C Write Cycle
w = write (I2C_SDA = “0”)
r = read (I2C_SDA = “1”)
ack = acknowledge (I2C_SDA pulled down by either master or slave)
rs = repeated start
id = LP3913 chip address : 60’h
Register Read Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Read Cycle waveform.
Figure 63. I2C Read Cycle
Multi-byte I2C Command Sequence
The LP3913’s I2C serial interface shall support Random register Multi-byte command sequencing: During a multi-
byte write the Master sends the Start command followed by the Device address, which is sent only once,
followed by the 8-bit register address, then 8 bits of data, The I2C slave must then accept the next random
register address followed by 8 bits of data and continue this process until the master sends a valid stop
condition.
A Typical Multi-byte random register transfer is outlined below:
Device Address,
Register A Address, Ack, Register A Data, Ack
Register M Address, Ack, Register M Data,
Ack
Register X Address, Ack, Register X Data, Ack
Register Z Address, Ack, Register Z Data, Ack, Stop
NOTE
The PMIC is not required to see the I2C device address for each transaction. A, M, X, and
Z are random numbers
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com