Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
OUTPUTS ELECTRICAL CHARACTERISTICS: CHG, STAT
Unless otherwise noted, VDD = 5V, VBATT = 3.6V. CBATT = 4.7 µF, CCHG_DET = 10 µF. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TJ = 0°C to +125°C.
(1) (2) (3) (4) (5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILED
Output High Level
VLED = 2.0V
CHSPV Register (02)h bit 5
4
5
6
mA
= 1
ILED
Output High Level
VLED = 2.0V
CHSPV Register (02)h bit 5
8
10
12
mA
= 0
ILEAKAGE
Leakage Current
VLED = 1.5V, LED off
0.1
5
µA
LEDFREQ
Blinking Frequency
0.8
1
1.2
Hz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(5)
Typical values and limits appearing in normal type for TJ = 25°C. Limits appearing in boldfacetype apply over the entire junction
temperature range for operation,
−40°C to +125°C.
OUTPUTS ELECTRICAL CHARACTERISTICS: NRST, IRQB, ONSTAT
Unless otherwise noted, VDD = 5V, VBATT = 3.6V. CBATT = 4.7 µF, CCHG_DET = 10 µF. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TJ = 0°C to +125°C.
(1) (2) (3) (4) (5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Output Low Level
IOL = 4 mA
0.4
V
ILEAKAGE
Leakage Current
VDD = 2.5V, Output Logic
−1
1
µA
High
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(5)
Typical values and limits appearing in normal type for TJ = 25°C. Limits appearing in boldfacetype apply over the entire junction
temperature range for operation,
−40°C to +125°C.
INPUTS ELECTRICAL CHARACTERISTICS: USBSUSP, USBISEL
Unless otherwise noted, VUSB = 5V, VBATT = 3.6V. CBATT = 4.7 µF, CCHG_DET = 10 µF. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TJ = 0°C to +125°C.
(1) (2) (3) (4) (5) (6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input Low Level
0.3*VUSB
V
VIH
Input High Level
0.7*VUSB
V
ILEAKAGE
Input Leakage
−1
1
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(5)
Typical values and limits appearing in normal type for TJ = 25°C. Limits appearing in boldfacetype apply over the entire junction
temperature range for operation,
−40°C to +125°C.
(6)
LDO2EN, BUCK1EN, and USBSUSP have weak internal pull downs while pins POWERACK, ONOFF do not have this.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com