Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
External or
USB Power
Charger
State
Machine and
registers
Vbatt
+
-
+
-
Vfull
Vrestart
+
-
+
-
+
Current
Control
Vref
Batt
Iref
Iprog
+
+
-
-
Ts
Vref
CV
CC
+
+
CV: Constant Voltage regulation
CC: Constant Current regulation
Thermal
regulation
Li - Ion Cell
Ref 0.27V
Ref 2.87V
Batt_temp
I2C
ack from slave
ack from slave
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack
stop
msb Register Add lsb
ack
msb
DATA
lsb
ack
ack from slave
ack from slave
Register 0x2A
Register 0x24
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Li-Ion Linear Charger
Charger Architecture
The LP3913 can safely charge and maintain a single cell Li-Ion/Polymer battery operating off a regulated 6V Car
adapter, AC wall adapter, or USB power (VBUS). Input power source selection of USB/adapter is seamless. If
present, the charger will use the adapter power regardless of the presence of USB power. The connection of
either power source is detected by LP3913.
The charger module is a linear charger with constant current pre-qualification, constant current (“CC”) full-rate
charging and constant voltage (“CV”) charging. CC and CV regulation is performed using an internal Power FET
Q2 with reverse current blocking. The termination voltage is controlled to within ±0.35% at room temperature.
The power FET Q1 acts as a switch with programmable current limit for USB operation.
36
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com