Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments LP3913 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
LDO2: LOW DROPOUT LINEAR REGULATOR (continued)
Unless otherwise noted VIN1 = 3.6V, IMAX = 150 mA, VOUT = Default Value, CVDD = 10.0 µF, CLDO2 = 1.0 µF, ESR = 5 mΩ–500
m
Ω, CVREFH = 100 nF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, 0°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN – VOUT
Dropout Voltage
Load Current = IMAX
60
150
mV
PSRR
Power Supply Ripple
F = 1 kHz, Load Current =
50
Rejection
IMAX
dB
F = 10 kHz, Load Current =
35
IMAX
eN
Analog Supply Output
10 Hz < F < 100 kHz
50
µVrms
Noise Voltage
RSHUNT
LDO Output Impedance
LDO Disabled, VOUT =
200
Ω
Default Value
BUCK1 CONVERTER ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN2 = 3.6 V, VOUT = default value, CVIN2 = 10 µF, CSW1 = 10 µF, LSW1 = 2.2 µH Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, 0°C to +125°C. Modulation mode is PWM mode with automatic switch to PFM at light loads.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN2
Input Voltage
2.7
6.0
V
VOUT Range
Output Voltage
0.80V–2.00V in 50 mV Steps
0.8
2.0
V
Programming Range
ΔVOUT
Static Output Voltage
IOUT = 200 mA, Including
−3
3
%
Tolerance
Line and Load Regulation
Line Regulation
IOUT = 10 mA
0.2
%/V
VIN2 = 2.5V − VDD
Load Regulation
100 mA < IOUT < 300 mA
0.002
%/mA
IOUT
Continuous Output
600
mA
Current
Peak Output Current
850
1000
1150
mA
Limit
IPFM
Max ILOAD, PFM
75
mA
Mode
IQ
Quiescent Current
IOUT = 0 mA
30
90
µA
Buck1 Disabled
1
FOSC
Internal Oscillator
PWM Mode
2
MHz
Frequency
η
Peak Efficiency
90
%
TON
Turn-on Time
To 95% Level (1)
1
ms
(1)
Specified by design. Not production tested.
BUCK2 CONVERTER ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN3 = 3.6V, VOUT = default value, CVIN3 = 10 µF, CSW1 = 10 µF, LSW2 = 2.2 µH Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, 0°C to +125°C. Modulation mode is PWM mode with automatic switch to PFM at light loads.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN3
Input Voltage
2.7
6.0
V
VOUT Range
Output Voltage
1.80V–3.30V in 100 mV
1.8
3.3
V
Programming Range
Steps
ΔVOUT
Static Output Voltage
IOUT = 200 mA, Including
−3
3
%
Tolerance
Line and Load Regulation
Line Regulation
IOUT = 10 mA
0.2
%/V
VIN3 = 2.5V − VDD
Load Regulation
100 mA < IOUT < 300 mA
0.002
%/mA
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com