Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 25Page - Texas Instruments LP3913 Datasheet HTML 26Page - Texas Instruments LP3913 Datasheet HTML 27Page - Texas Instruments LP3913 Datasheet HTML 28Page - Texas Instruments LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Power On Timing
Each timeout T1 thru to T5 are factory programmed from 0 ms to 63 ms. The following defaults are shown below.
Symbol
Description
Time
Units
T1
Programmable Delay for LDO1 and
5
ms
LDO2
T2
Programmable Delay to Buck1
15
ms
T3
Programmable Delay for Buck2
20
ms
T4
Programmable Delay for Buck3
25
ms
T5
Programmable Delay for NRST
60
ms
Power Off Timing
The timing delays during a power off sequence are equal to 63 ms minus the timing delay during the power on
sequence.
Symbol
Description
Time
Units
T1
Programmable delay for LDO1 and LDO2
58
ms
T2
Programmable delay to Buck1
48
ms
T3
Programmable delay for Buck2
43
ms
T4
Programmable delay for Buck3
38
ms
T5
Programmable delay for NRST
3
ms
Transitioning from Standby to Active Mode (Power Up) Battery Power Present Only
When only battery power is present and the battery voltage VBATT > VBATTLOW, the LP3913 is waiting for one of
three valid wakeup signals. The first is the ONOFF pin. The second and third wakeups are the Wall Adapter and
USBPWR. The ONOFF pin is factory programmable wakeup source. It can be a rising edge, a falling edge, a
level high, or a level low event. Regardless of the mode, the signal requires a 32 ms deglitch time. A deglitched
version of the ONOFF pin is output on the open-drain output pin ONSTAT. ONOFF is usually connected to a
push button. Asserting the ONOFF pin starts the power on sequencer. This enables the DC/DC converters
including the Buck1 DC/DC converter that supplies power to the system processor. The system processor then
needs to set bit D4 (PACK bit) in the Power On Event Register through the I2C interface or apply a logic high to
the POWERACK pin to keep the LP3913 in the Active mode. These serve as a Power Acknowledgment,
confirming the power on request initiated by the ONOFF pin. If neither the PACK bit (D4) in the PON register or
the POWERACK pin is set within 128 ms (max) of the start of the power-up sequencer, then the LP3913 will
automatically turn off, as the system failed to acknowledge the power on request. Connecting the battery will be
considered a Power on event. However hot insertion of the battery with the adapter connected is NOT permitted.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com