Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 56Page - Texas Instruments LP3913 Datasheet HTML 57Page - Texas Instruments LP3913 Datasheet HTML 58Page - Texas Instruments LP3913 Datasheet HTML 59Page - Texas Instruments LP3913 Datasheet HTML 60Page - Texas Instruments LP3913 Datasheet HTML 61Page - Texas Instruments LP3913 Datasheet HTML 62Page - Texas Instruments LP3913 Datasheet HTML 63Page - Texas Instruments LP3913 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
=
+ Vpp-esr
2
Vpp-rms
2
Vpp-c
2
4 * f * C
Vpp-c =
Iripple
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
The output filter capacitor of the magnetic DC/DC converter smooths out current flow from the inductor to the
load, helps maintain a steady output voltage during transient load changes and reduces output voltage ripple.
These capacitors must be selected with sufficient capacitance and sufficiently low ESD to perform these
functions.
The output voltage ripple is caused by the charging and the discharging of the output capacitor and also due to
its ESR and can be calculated as follows:
Voltage peak-to-peak ripple due to ESR can be expressed as follows:
VPP-ESR = 2 * IRIPPLE * RESR
(6)
Because the VPP-C and VPP-ESR are out of phase, the RMS value can be used to get an approximate value of the
peak-to-peak ripple:
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR). The RESR is frequency dependent as well as temperature dependent.
The RESR should be calculated with the applicable switching frequency and ambient temperature.
Capacitor
Min Value
Unit
Description
Recommended Type
CVDD
4.7
μF
Charger Input Capacitor
Ceramic, 6.3V, X5R
CCHG_DET
4.7
μF
Charger Input Capacitor
Ceramic, 6.3V, X5R
CUSB
4.7
μF
USB Power (VBUS)
Ceramic, 6.3V, X5R
Capacitor
CBATT
4.7
μF
Li-ion Battery Capacitor
Ceramic, 6.3V, X5R
CLDO1
1.0
μF
LDO Output Capacitor
Ceramic, 6.3V, X5R
CLDO2
1.0
μF
LDO Output Capacitor
Ceramic, 6.3V, X5R
CVREFH
0.1
μF
Bypass Capacitor for
Ceramic, PolyPropylene and
Internal Voltage
Polycarbonate Film
Reference
CVIN2,3
10
μF
Buck1, Buck2 Input
Ceramic, 6.3V, X5R
Capacitor
CVBUCK1,2
10
μF
BUCK1,2 Output
Ceramic, 6.3V, X5R
Capacitor
CSW3
22
μF
BUCK3 Output Capacitor
Ceramic, 6.3V, X5R
CVIN1
1
μF
LDO Bypass Capacitor
Ceramic, 6.3V, X5R
CVIN4
10
μF
Buck Bypass Capacitor
Ceramic, 6.3V, X5R
Schottky Diode on Charger Input CHG_IN
A Schottky diode is required in the external adapter path to block the reverse current from either the USB or the
battery source. The most critical parameter in the selection of the right Schottky diode is the leakage current,
which needs to be below 10 µA over the temperature range in order to prevent false detection of the presence of
an external adapter. In addition the Schottky diode should have a maximum voltage rating of 10V or higher. The
current rating depends on the current limit of the adapter. The forward voltage should be limited to 500 mV at its
maximum current. The recommended Schottky diode is MBRA210ET3 from ON Semiconductor which has a
reverse leakage current under 1 µA at room temperature and a forward voltage drop of 500 mV at their max
rated current IF = 2A.
60
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com