Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 48Page - Texas Instruments LP3913 Datasheet HTML 49Page - Texas Instruments LP3913 Datasheet HTML 50Page - Texas Instruments LP3913 Datasheet HTML 51Page - Texas Instruments LP3913 Datasheet HTML 52Page - Texas Instruments LP3913 Datasheet HTML 53Page - Texas Instruments LP3913 Datasheet HTML 54Page - Texas Instruments LP3913 Datasheet HTML 55Page - Texas Instruments LP3913 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Load current
increases
Low2 PFM Threshold
Vout
Low PFM
Threshold,
turn on
PFET
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Nfet on
drains
conductor
until
I inductor=0
Pfet on
until
Ipfm limit
reached
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Low1 PFM Threshold
~1.008 * Vout
High PFM Threshold
~1.016 * Vout
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the ‘high’ PFM comparator threshold (see Figure 66), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the ‘high’ PFM
threshold, the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output
switches are turned off and the part enters an extremely low power mode. Quiescent supply current during this
‘sleep’ mode is less than 30 µA, which allows the part to achieve high efficiencies under extremely light load
conditions. When the output drops below the ‘low’ PFM threshold, the cycle repeats to restore the output voltage
to
≈1.6% above the nominal PWM output voltage.
If the load current should increase during PFM mode (see Figure 66) causing the output voltage to fall below the
‘low2’ PFM threshold, the part will automatically transition into fixed-frequency PWM mode.
Figure 66.
BUCK1, BUCK2 Operation
BUCK1 is recommended to be used as the processor core supply and has I2C selectable output voltages ranging
from 0.8V to 2.0V (Typ.). BUCK2 is recommended for IO power, Memory power and logic power. Its voltage
range can be programmed using the I2C interface from 1.8V to 3.3V (Typ.). The default output voltage for each
buck converter is factory programmable (See APPLICATIONS INFORMATION).
The system designer can also determine the output voltage of either BUCK1 or BUCK2 through an external
feedback resistor ladder by clearing the output voltage selection field in the BUCK1 or BUCK2 control registers.
52
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com