Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 2Page - Texas Instruments LP3913 Datasheet HTML 3Page - Texas Instruments LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
GENERAL ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VDD = 5V, VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C.
Limits appearing in boldface type apply over the entire junction temperature range for operation, TJ = 0°C to +125°C.
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ_BATT
Battery Standby Supply
All circuits off except for
Current
POR and battery monitor.
6
20
µA
No adapter or USB power
connected.
VPOR
Power-On Reset Threshold VDD Falling Edge
1.9
V
TSD
Thermal Shutdown
160
°C
Threshold
TSDH
Themal Shutdown
20
°C
Hysteresis
TTH-ALERT
Thermal Interrupt
115
°C
Threshold
VDDIO
IO Supply
2.5
VDD
V
FCLK
Internal System Clock
2
MHz
Frequency
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(4)
Specified by design. Not production tested
I
2C INTERFACE ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VDDIO = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, TJ = 0°C to +125°C.
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Low Level Input Voltage
I2C_SDA & I2C_SCL
0.3VDDI
V
O
VIH
High Level Input Voltage
I2C_SDA & I2C_SCL
0.7VDDI
V
O
VOL
Low Level Output Voltage
I2C_SDA & I2C_SCL
0.2VDDI
0
V
O
VHYS
Schmitt Trigger Input Hysterisis
I2C_SDA & I2C_SCL
0.1VDDI
V
O
FCLK
Clock Frequency
400
kHz
tBF
Bus-Free Time between START
(4)
1.3
µs
and STOP
tHOLD
Hold Time Repeated START
(4)
0.6
µs
Condition
tCLK-LP
CLK Low Period
(4)
1.3
µs
tCLK-HP
CLK High Period
(4)
0.6
µs
tSU
Set-up Time Repeated START
(4)
0.6
µs
Condition
tDATA-HOLD
Data Hold Time
(4)
0
µs
tDATA-SU
Data Set-up Time
(4)
100
ns
tSU
Set-Up Time for STOP Condition
(4)
0.6
µs
tTRANS
Maximum Pulse Width of Spikes
(4)
That Must Be Suppressed by the
50
µs
Input Filter of Both Data and
CLK Signals.
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(4)
Specified by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com