Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 51Page - Texas Instruments LP3913 Datasheet HTML 52Page - Texas Instruments LP3913 Datasheet HTML 53Page - Texas Instruments LP3913 Datasheet HTML 54Page - Texas Instruments LP3913 Datasheet HTML 55Page - Texas Instruments LP3913 Datasheet HTML 56Page - Texas Instruments LP3913 Datasheet HTML 57Page - Texas Instruments LP3913 Datasheet HTML 58Page - Texas Instruments LP3913 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
VBUCK3L1
BUCK3
VBUCK3L2
VBUCK3
Lsw3
Csw3
VFB3
35
33
32
31
LOAD
22 2F
2.2 2H
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
BUCK2 Control Register (06)h
D7
D6
D5
D4–0
Access
Read Only
R/W
0
Data
Reserved
Operation
Force PWM mode
BUCK2 Output Voltage (V)
0: disabled 0: Automatic Modulation Mode
5’h00
Externally controlled
1: enabled
1: Force PWM mode
5’h01
1.80
5’h02
1.90
5’h03
2.00
5’h04
2.10
5’h05
2.20
5’h06
2.30
5’h07
2.40
5’h08
2.50
5’h09
2.60
5’h0A
2.70
5’h0B
2.80
5’h0C
2.90
5’h0D
3.00
5’h0E
3.10
5’h0F
3.20
5’h1x
3.30
Reset
n/a
1
0
5’h1F
BUCK3: Synchronous Magnetic DC/DC Converter
The LP3913 is equipped with a synchronous Buck3 magnetic DC-DC converter to supply power to the Flash
memory that has a typical 1.7V-3.3V operating voltage. This voltage is lower than the maximum battery voltage
(4.2V typically for Li-polymer cells) and higher than the minimum battery voltage (typically 2.8V). Therefore, in
order to provide 3.3V, regardless of the battery voltage, the Buck3 converter efficiently steps down the battery
voltage. The Buck3 automatically switches between PWM and PFM modes depending on the load.
By setting bit D6 of the Buck3 control register, the Buck3 will be forced to operate using PWM modulation
regardless of the load. By default, this bit is cleared.
Figure 68. Schematic Section for Buck3 Operation
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com