Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 18 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 18 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology ATSAMB11XR Datasheet HTML 19Page - Microchip Technology ATSAMB11XR Datasheet HTML 20Page - Microchip Technology ATSAMB11XR Datasheet HTML 21Page - Microchip Technology ATSAMB11XR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
6.3
32.768 kHz RTC Crystal Oscillator (RTC XO)
6.3.1
General Information
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA contain a 32.768 kHz RTC oscillator that is
preferably used for BLE activities involving connection events. To be compliant with the BLE
specifications for connection events, the frequency accuracy of this clock has to be within ±500 ppm.
Because of the high accuracy of the 32.768 kHz crystal oscillator clock, the power consumption can be
minimized by leaving radio circuits in low-power sleep mode for as long as possible, until they need to
wake-up for the next connection timed event.
The block diagram in Figure 6-2 below shows how the internal low-frequency Crystal Oscillator (XO) is
connected to the external crystal.
The RTC XO has a programmable internal capacitance with a maximum of 15 pF on each terminal,
RTC_CLK_P, and RTC_CLK_N. When bypassing the crystal oscillator with an external signal, the user
can program down the internal capacitance to its minimum value (~1 pF) for easier driving capability. The
driving signal can be applied to the RTC_CLK_P terminal, as illustrated in Figure 6-2 below.
The need for external bypass capacitors depends on the chosen crystal characteristics. Typically, the
crystal should be chosen to have a load capacitance of 7 pF to minimize the oscillator current. Refer to
the datasheet of the preferred crystal and take into account the on-chip capacitance.
Alternatively, if an external 32.768 kHz clock is available, it can be used to drive the RTC_CLK_P pin
instead of using a crystal. The XO has 6 pF internal capacitance on the RTC_CLK_P pin. To bypass the
crystal oscillator, an external signal capable of driving 6 pF can be applied to the RTC_CLK_P terminal,
as illustrated in Figure 6-2. RTC_CLK_N must be left unconnected, when driving an external source into
RTC_CLK_P. Refer to the Table 6-1 for the specification of the external clock to be supplied at
RTC_CLK_P.
Figure 6-2. Connections to RTC XO
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com