Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 45 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 45 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 41Page - Microchip Technology ATSAMB11XR Datasheet HTML 42Page - Microchip Technology ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology ATSAMB11XR Datasheet HTML 46Page - Microchip Technology ATSAMB11XR Datasheet HTML 47Page - Microchip Technology ATSAMB11XR Datasheet HTML 48Page - Microchip Technology ATSAMB11XR Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
10.
Electrical Characteristics
There are voltage ranges where different VDDIO levels apply. This separation is for the IO drivers whose
drive strength is directly proportional to the IO supply voltage. In the ATSAMB11 products, there is a large
gap in the IO supply voltage range (2.3V to 3.6V). A guarantee on drive strength across this voltage
range would be intolerable to most vendors who only use a subsection of the IO supply range. As such,
these voltages are segmented into two manageable sections referenced as VDDIOM, and VDDIOH in
tables listed in this document..
10.1
Absolute Maximum Ratings
The values listed in this section are ratings that can be peaked by the device, but not sustained without
causing irreparable damage to the device.
Table 10-1. Absolute Maximum Ratings
Symbol
Characteristics
Min.
Max.
Unit
VDDIO
I/O Supply Voltage
-0.3
4.2
V
VBAT
Battery Supply Voltage
-0.3
5.0
VIN (1)
Digital Input Voltage
-0.3
VDDIO
VAIN(2)
Analog Input Voltage
-0.3
1.5
TA
Storage Temperature
-65
150
°C
Note: 
1.
VIN corresponds to all the digital pins.
2.
VAIN corresponds to all the analog pins, RFIO, XO_N, XO_P, TPP, RTC_CLK_N and RTC_CLK_P.
10.2
Recommended Operating Conditions
Table 10-2. Recommended Operating Conditions
Symbol
Characteristic
Min.
Typ.
Max.
Unit
VDDIOM
I/O Supply Voltage Mid-Range
2.3
2.50
3.00
V
VDDIOH
I/O Supply Voltage High Range
3.00
3.30
3.60
VBAT
Battery Supply Voltage (1)
2.3
3.6
4.3
Operating Temperature
-40
85
°C
Note: 
1.
VBAT must not be less than VDDIO.
10.3
DC Characteristics
The Table 10-3 provides the DC characteristics for the digital pads.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com