Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 66 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 66 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 62Page - Microchip Technology ATSAMB11XR Datasheet HTML 63Page - Microchip Technology ATSAMB11XR Datasheet HTML 64Page - Microchip Technology ATSAMB11XR Datasheet HTML 65Page - Microchip Technology ATSAMB11XR Datasheet HTML 66Page - Microchip Technology ATSAMB11XR Datasheet HTML 67Page - Microchip Technology ATSAMB11XR Datasheet HTML 68Page - Microchip Technology ATSAMB11XR Datasheet HTML 69Page - Microchip Technology ATSAMB11XR Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 87 page
background image
12.4
Reference Bill of Materials(BOM)
Table 12-2. ATSAMB11-ZR210CA Reference Schematic Bill of Materials (BOM)
Item Qty
Referenc
e
Value
Description
Manufacturer
Part Number Footprint
1
1
C1
0.1 uF
CAP, CER, 0.1 UF
6.3V +/-10% X5R
0201
AVX
Corporation
02016D104K
AT2A
0201
2
1
C2
10 uF
CAP, CER, 10 uF,
20%, X5R, 0603,
6.3V
AVX
Corporation
06036D106M
AT2A
0603
3
2
R1, R2
100 K
RESISTOR, Thick
Film, 100 kOhm,
0201
Panasonic
ERJ-1GEF10
03C
0201
4
1
U1
ATSAMB11-
ZR210CA
ATSAMB11-
ZR210CA BLE
Module
Microchip
Technology Inc.
ATSAMB11-
ZR210CA
ATSAMB
11-
ZR210CA
5
1
Y1
32.768 KHz
Crystal, 32.768
KHz, +/-20 ppm,
-40-+85 C, CL=7
pF, 2 lead, SMD
ECS, Inc.
International
ECS-.
327-7-34B-
TR
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com