Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 64 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 64 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 60Page - Microchip Technology ATSAMB11XR Datasheet HTML 61Page - Microchip Technology ATSAMB11XR Datasheet HTML 62Page - Microchip Technology ATSAMB11XR Datasheet HTML 63Page - Microchip Technology ATSAMB11XR Datasheet HTML 64Page - Microchip Technology ATSAMB11XR Datasheet HTML 65Page - Microchip Technology ATSAMB11XR Datasheet HTML 66Page - Microchip Technology ATSAMB11XR Datasheet HTML 67Page - Microchip Technology ATSAMB11XR Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
12.2
Reference Schematic Bill of Materials (BOM)
Table 12-1. ATSAMB11-XR2100A Reference Schematic Bill of Materials (BOM)
Ite
m
Qty
Referenc
e
Value
Description
Manufacturer
Part
Number
Footprin
t
1
1
A1
2450AT07A010
0
1x0.5 mm Ceramic
Chip Antenna
Johanson
Dielectrics
2450AT07A0
100
2
1
C1
0.5 pF
CAP, CER, 0.5 pF,
+/-0.1 pF, NPO,
0201, 25V, -55-125
C
Johanson
Dielectrics
250R05L0R
5BV4T
0201
3
1
C2
2.1 nH
Inductor,2.1 nH,
+/-0.1 nH,
Q=14@500 MHz,
SRF=11 GHz,
0201, -55-125 C
Murata
Americas
LQP03TN2N
1B02D
0201
4
1
C3
DNP
CAP, CER, 2.2 pF,
+/-0.1 pF, NPO,
0201, 25V,
-55-125C
Johanson
Dielectrics
250R05L2R
2BV4T
0201
5
1
C4
2.2 pF
CAP, CER, 2.2 pF,
+/-0.1 pF, NPO,
0201, 25V, -55-125
C
Johanson
Dielectrics
250R05L2R
2BV4T
0201
6
1
C5
2.6 nH
Inductor, 2.6 nH,
+/-0.1 nH,
Q=13@500 MHz,
SRF=6 GHz,
0201,-55-125 C
Murata
Americas
LQP03TG2N
6B02D
0201
7
1
C6
10 uF
CAP, CER, 10 uF,
20%, X5R, 0603,
6.3V
AVX
Corporation
06036D106
MAT2A
0603
8
1
L1
8.2 pF
CAP, CER, 8.2 pF,
+/-0.1 pF, NPO,
0201, 25V, -55-125
C
Johanson
Dielectrics
250R05L8R
2BV4T
0201
9
1
L2
4.3 nH
Inductor, 4.3 nH,
+/-3%, Q=13@500
MHz, SRF=6 GHz,
0201, -55-125 C
Murata
Americas
LQP03TG4N
3H02D
0201
10
2
R5,R6
100K
RESISTOR, Thick
Film, 100 kOhm,
0201
Panasonic
ERJ-1GEF1
003C
0201
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com