Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 19 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 19 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology ATSAMB11XR Datasheet HTML 19Page - Microchip Technology ATSAMB11XR Datasheet HTML 20Page - Microchip Technology ATSAMB11XR Datasheet HTML 21Page - Microchip Technology ATSAMB11XR Datasheet HTML 22Page - Microchip Technology ATSAMB11XR Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
Table 6-1. 32.768 kHz External Clock Specification
Parameter
Min.
Typ.
Max Unit
Comments
Oscillation frequency
32.768
kHz Must be able to drive 6 pF load at desired frequency
VinH
0.7
1.2
V
High level input voltage
VinL
0
0.2
Low level input voltage
Stability – Temperature -250
+250 ppm
Additional internal trimming capacitors (C_onchip) are available. They provide the possibility to tune the
frequency output of RTC XO without changing the external load capacitors. Contact technical support for
usage of the internal trimming capacitors.
Note: 
Refer the BluSDK BLE API Software Development Guide for details on how to enable the 32.768 kHz
clock output and tune the internal trimming capacitors.
Table 6-2. 32.768 kHz XTAL C_onchip Programming
Register: pierce_cap_ctrl[3:0]
C_onchip [pF]
0000
0.0
0001
1.0
0010
2.0
0011
3.0
0100
4.0
0101
5.0
0110
6.0
0111
7.0
1000
8.0
1001
9.0
1010
10.0
1011
11.0
1100
12.0
1101
13.0
1110
14.0
1111
15.0
6.3.2
RTC XO Design and Interface Specification
The RTC consists of two main blocks: The Programmable Gm stage and tuning capacitors. The
programmable Gm stage is used to guarantee start-up and to sustain oscillation. Tuning capacitors are
used to adjust the XO center frequency and control the XO precision for different crystal models. The
output of the XO is driven to the digital domain via a digital buffer stage with a supply voltage of 1.2V.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com