Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 40 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 40 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 36Page - Microchip Technology ATSAMB11XR Datasheet HTML 37Page - Microchip Technology ATSAMB11XR Datasheet HTML 38Page - Microchip Technology ATSAMB11XR Datasheet HTML 39Page - Microchip Technology ATSAMB11XR Datasheet HTML 40Page - Microchip Technology ATSAMB11XR Datasheet HTML 41Page - Microchip Technology ATSAMB11XR Datasheet HTML 42Page - Microchip Technology ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
9.5
UART Interface
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA provide Universal Asynchronous Receiver/
Transmitter (UART) interfaces for serial communication. The Bluetooth subsystem contains two UART
interfaces: 2-pin mode for data only, and a 4-pin interface for flow control and data transfer. The UART
interfaces are compatible with the RS-232 standard, where the ATSAMB11-XR2100A and ATSAMB11-
ZR210CA operate as Data Terminal Equipment (DTE). The 4-pin UART has two pins for data (TX and
RX) and two pins for flow control/handshaking: Request To Send (RTS) and Clear To Send (CTS).
Caution:  The RTS and CTS are used for hardware flow control. The RTS and CTS pins must
be interfaced to the remote device and hardware flow control must be enabled to guarantee
data integrity.
The pins associated with each UART interfaces can be enabled on several alternative pins by
programming their corresponding pin-MUX control registers (see Table 9-1 and Table 9-2 for available
options).
The UART features the programmable baud rate generation with fractional clock division, which allows
transmission and reception at a wide variety of standard and non-standard baud rates. The Bluetooth
UART input clock is selectable between 26 MHz, 13 MHz, 6.5 MHz, and 3.25 MHz. The clock divider
value is programmable as 13 integer bits and three fractional bits (with 8.0 being the smallest
recommended value for normal operation). This results in the maximum supported baud rate of 26
MHz/8.0 = 3.25 MBd.
The UART can be configured for seven or eight bit operation, with or without parity, with four different
parity types (odd, even, mark, or space), and with one or two stop bits. It also contains RX and TX FIFOs,
which ensure reliable high-speed reception and low software overhead transmission. FIFO size is 4 x 8
for both RX and TX direction. The UART also contains status registers showing the number of received
characters available in the FIFO and various error conditions, and also the ability to generate interrupts
based on these status bits.
An example of UART receiving or transmitting a single packet is shown in Figure 9-2. This example
shows 7-bit data (0x45), odd parity, and two stop bits.
Figure 9-2. Example of UART RX or TX Packet
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com