Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 24 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 24 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 20Page - Microchip Technology ATSAMB11XR Datasheet HTML 21Page - Microchip Technology ATSAMB11XR Datasheet HTML 22Page - Microchip Technology ATSAMB11XR Datasheet HTML 23Page - Microchip Technology ATSAMB11XR Datasheet HTML 24Page - Microchip Technology ATSAMB11XR Datasheet HTML 25Page - Microchip Technology ATSAMB11XR Datasheet HTML 26Page - Microchip Technology ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
7.
CPU and Memory Subsystem
7.1
ARM Subsystem
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have an ARM Cortex-M0 32-bit processor. It is
responsible for controlling the BLE Subsystem and handling all application features.
The Cortex-M0 Microcontroller consists of a full 32-bit processor capable of addressing 4GB of memory. It
has a RISC like load/store instruction set and internal 3-stage Pipeline Von Neumann architecture.
The Cortex-M0 processor provides a single system-level interface using AMBA technology to provide
high speed, low latency memory accesses.
The Cortex-M0 processor implements a complete hardware debug solution with four hardware breakpoint
and two watchpoint options. This provides high system visibility of the processor, memory, and
peripherals through a 2-pin Serial Wire Debug (SWD) port that is ideal for microcontrollers and other
small package devices.
ATSAMB11 is running a proprietary RTOS tightly coupled with FW in the ROM and the user can not
override it. SysTick timer is being used by the stack and will not be available for usage by the application.
Figure 7-1. ARM Cortex-M0 Subsystem
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com