Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 37 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 37 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 33Page - Microchip Technology ATSAMB11XR Datasheet HTML 34Page - Microchip Technology ATSAMB11XR Datasheet HTML 35Page - Microchip Technology ATSAMB11XR Datasheet HTML 36Page - Microchip Technology ATSAMB11XR Datasheet HTML 37Page - Microchip Technology ATSAMB11XR Datasheet HTML 38Page - Microchip Technology ATSAMB11XR Datasheet HTML 39Page - Microchip Technology ATSAMB11XR Datasheet HTML 40Page - Microchip Technology ATSAMB11XR Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
MUX_Sel
Function
Notes
11
I2C1 SCL
12
PWM 1
13
PWM 2
14
PWM 3
15
PWM 4
16
LP CLOCK OUT
32 kHz clock output (RC Osc. or RTC XO)
17
Reserved
18
Reserved
19
Reserved
20
Reserved
21
Reserved
22
Reserved
23
Reserved
24
Reserved
25
Reserved
26
Reserved
27
Reserved
28
Reserved
29
QUAD DEC X IN A
30
QUAD DEC X IN B
31
QUAD DEC Y IN A
32
QUAD DEC Y IN B
33
QUAD DEC Z IN A
34
QUAD DEC Z IN B
An example of peripheral assignment using these MEGAMUX options is as follows:
•
I2C0 pin-MUXed on LP_GPIO_8 and LP_GPIO_9 via MUX1 and MEGAMUX= 8 and 9 (Table 9-2)
•
I2C1 pin-MUXed on LP_GPIO_14 and LP_GPIO_15 via MUX1 and MEGAMUX= 14 and 15 (Table
9-2)
•
UART1 pin-MUXed on LP_GPIO_2 and LP_GPIO_3 via MUX1 and MEGAMUX= 2 (Table 9-2)
Another example is to illustrate the available options for pin LP_GPIO_3, depending on the pin-MUX
option selected:
•
MUX0: the pin functions as bit 3 of the GPIO bus and is controlled by the GPIO controller in the
ARM subsystem
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com