Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 20 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 20 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology ATSAMB11XR Datasheet HTML 19Page - Microchip Technology ATSAMB11XR Datasheet HTML 20Page - Microchip Technology ATSAMB11XR Datasheet HTML 21Page - Microchip Technology ATSAMB11XR Datasheet HTML 22Page - Microchip Technology ATSAMB11XR Datasheet HTML 23Page - Microchip Technology ATSAMB11XR Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
Table 6-3. RTC XO Interface
Pin Name
Function
Register Default
Digital Control Pins
Pierce_res_ctrl
Control feedback resistance value:
0 = 20 MOhm Feedback resistance
1 = 30 MOhm Feedback resistance
0X4000F404<15>=’1’
Pierce_cap_ctrl<3:0> Control the internal tuning capacitors with step of
700 fF:
0000=700 fF
1111=11.2 pF
Refer to crystal datasheet to check for optimum
tuning cap value
0X4000F404<23:20>=”1000”
Pierce_gm_ctrl<3:0> Controls the Gm stage gain for different crystal
mode:
0011= for crystal with shunt capacitance of 1.2 pF
1000= for crystal with shunt capacitance of >3 pF
0X4000F404<19:16>=”1000”
VDD_XO
1.2V
6.3.3
RTC Characterization with Gm Code Variation at Supply 1.2V and Temp. = 25°C
This section shows the RTC total drawn current and the XO accuracy versus different tuning capacitors
and different GM codes, at a supply voltage of 1.2V and temperature = 25°C.
Figure 6-3. RTC Drawn Current vs. Tuning Caps at 25°C
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com