Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 46 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 46 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 42Page - Microchip Technology ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology ATSAMB11XR Datasheet HTML 46Page - Microchip Technology ATSAMB11XR Datasheet HTML 47Page - Microchip Technology ATSAMB11XR Datasheet HTML 48Page - Microchip Technology ATSAMB11XR Datasheet HTML 49Page - Microchip Technology ATSAMB11XR Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
Table 10-3. DC Electrical Characteristics
VDDIO Condition
Characteristic
Min.
Typ.
Max.
Unit
VDDIOM
Input Low Voltage VIL
-0.30
0.63
V
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
VDDIOH
Input Low Voltage VIL
-0.30
0.65
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
(up to 3.60)
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
All
Output Loading
20
pF
Digital Input Load
6
VDDIOM
Pad drive strength
(regular pads (1))
3.4
6.6
mA
VDDIOH
Pad drive strength
(regular pads (1))
10.5
14
VDDIOM
Pad drive strength
(high-drive pads (1))
6.8
13.2
VDDIOH
Pad drive strength
(high-drive pads (1))
21
28
Note: 
1.
The following GPIO pads are high-drive pads: GPIO_8, GPIO_9; all other pads are regular pads.
10.4
Receiver Performance
Table 10-4. BLE Receiver Performance
Parameter
Minimum
Typical
Maximum
Unit
Frequency
2,402
2,480
MHz
Sensitivity with on-chip DC/DC(1)
-92.7
-91.9
dBm
Maximum receive signal level
+5
CCI
12.5
dB
ACI (N±1)
0
N+2 Blocker (Image)
-20
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com