Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 54 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 54 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 50Page - Microchip Technology ATSAMB11XR Datasheet HTML 51Page - Microchip Technology ATSAMB11XR Datasheet HTML 52Page - Microchip Technology ATSAMB11XR Datasheet HTML 53Page - Microchip Technology ATSAMB11XR Datasheet HTML 54Page - Microchip Technology ATSAMB11XR Datasheet HTML 55Page - Microchip Technology ATSAMB11XR Datasheet HTML 56Page - Microchip Technology ATSAMB11XR Datasheet HTML 57Page - Microchip Technology ATSAMB11XR Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
Figure 10-6. I2C Slave Timing Diagram
Table 10-8. I2C Slave Timing Parameters
Parameter
Symbol Min. Max. Units
Remarks
SCL Clock Frequency
fSCL
0
400
kHz
SCL Low Pulse Width
tWL
1.3
µs
SCL High Pulse Width
tWH
0.6
SCL, SDA Fall Time
tHL
300
ns
SCL, SDA Rise Time
tLH
300
This is dictated by external
components
START Setup Time
tSUSTA
0.6
µs
START Hold Time
tHDSTA
0.6
SDA Setup Time
tSUDAT 100
ns
SDA Hold Time
tHDDAT
0
40
Slave and Master Default
Master Programming Option
STOP Setup time
tSUSTO
0.6
µs
Bus Free Time between STOP and START
tBUF
1.3
Glitch Pulse Reject
tPR
0
50
ns
Table 10-9. I2C Master Timing Parameters
Parameter
Symbol Standard Mode Fast Mode High-speed Mode Units
Min.
Max.
Min. Max.
Min.
Max.
SCL Clock Frequency
fSCL
0
100
0
400
0
3400
kHz
SCL Low Pulse Width
tWL
4.7
1.3
0.16
µs
SCL High Pulse Width
tWH
4
0.6
0.06
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com