Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 11 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 7Page - Microchip Technology ATSAMB11XR Datasheet HTML 8Page - Microchip Technology ATSAMB11XR Datasheet HTML 9Page - Microchip Technology ATSAMB11XR Datasheet HTML 10Page - Microchip Technology ATSAMB11XR Datasheet HTML 11Page - Microchip Technology ATSAMB11XR Datasheet HTML 12Page - Microchip Technology ATSAMB11XR Datasheet HTML 13Page - Microchip Technology ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
ATSAMB11-
XR2100A
Pin #
ATSAMB11-
ZR210CA
Pin #
Pin Name
Pin Type
Description / Default
Function
6
21
LP_GPIO_9(1)
Digital I/O
GPIO with Programmable Pull-
Up/Down
7
22
LP_GPIO_10
Digital I/O
GPIO with Programmable Pull-
Up/Down
8
23
LP_GPIO_11
Digital I/O
GPIO with Programmable Pull-
Up/Down
9
24
LP_GPIO_12
Digital I/O
GPIO with Programmable Pull-
Up/Down
10
25
LP_GPIO_13
Digital I/O
GPIO with Programmable Pull-
Up/Down
11
27
VBAT
Power supply
Power supply pin for the
DC/DC convertor
12
28
GPIO_MS1
Mixed Signal I/O
GPIO with Programmable Pull-
Up/Down
13
29
GPIO_MS2
Mixed Signal I/O
GPIO with Programmable Pull-
Up/Down
14
30
C_EN
Digital Input
Can be used to control the
state of PMU. High level
enables the module; low- level
places module in Power- Down
mode.
15
31
GPIO_MS3
Mixed Signal I/O
GPIO with Programmable Pull-
Up/Down
16
32
GPIO_MS4
Mixed Signal I/O
GPIO with Programmable Pull-
Up/Down
17
33
RTC_CLK_P
Analog
Crystal pin or External clock
supply, see 32.768 kHz RTC
Crystal Oscillator (RTC XO)
18
34
RTC_CLK_N
Analog
Crystal pin or External clock
supply, see 32.768 kHz RTC
Crystal Oscillator (RTC XO)
19
-
AO_TM
Digital Input
Always On Test Mode. Connect
to GND
20
1
AO_GPIO_0
Always On Digital
I/O, Programmable
Pull-Up
To be held in logic '0' GND to
allow the device to enter
Ultra_Low_Power mode
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com