Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 32 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 32 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology ATSAMB11XR Datasheet HTML 31Page - Microchip Technology ATSAMB11XR Datasheet HTML 32Page - Microchip Technology ATSAMB11XR Datasheet HTML 33Page - Microchip Technology ATSAMB11XR Datasheet HTML 34Page - Microchip Technology ATSAMB11XR Datasheet HTML 35Page - Microchip Technology ATSAMB11XR Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
8.
Bluetooth Low Energy (BLE) Subsystem
The BLE subsystem implements all the critical real-time functions required for full compliance with
specification of the Bluetooth System, v4.1, Bluetooth SIG.
It consists of a Bluetooth 4.1 baseband controller (core), radio transceiver and the Microchip Bluetooth
Smart Stack, the BLE Software Platform.
8.1
BLE Core
The baseband controller consists of a modem and a Medium Access Controller (MAC) through which it
encodes and decodes HCI packets. In addition, it constructs baseband data packages and schedules
frames, and manages and monitors connection status, slot usage, data flow, routing, segmentation and
buffer control.
The core performs Link Control Layer management supporting the main BLE states, including advertising
and connection.
8.2
Features
•
Broadcaster, Central, Observer, Peripheral
•
Simultaneous Master and Slave operation, connect up to eight connections
•
Frequency Hopping
•
Advertising/Data/Control packet types
•
Encryption (AES-128, SHA-256)
•
Bitstream processing (CRC, whitening)
•
Operating clock 52 MHz
8.3
BLE Radio
The radio consists of a fully integrated transceiver, Low Noise Amplifier, Receive (RX) down converter,
analog baseband processing, Phase Locked Loop (PLL), Transmit (TX) Power Amplifier, and Transmit/
Receive switch. At the RF front end, no external RF components on the PCB are required other than the
antenna and a matching component.
Table 8-1. ATSAMB11 BLE Radio features and properties
Feature
Description
Part Number
ATSAMB11-XR2100A and ATSAMB11-ZR210CA
BLE Standard
Bluetooth V4.1 – Bluetooth Low Energy
Frequency range
2402 MHz to 2480 MHz
Number of channels
40
Modulation
GFSK
Data rate
1 Mbps
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com