Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 48 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 48 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology ATSAMB11XR Datasheet HTML 46Page - Microchip Technology ATSAMB11XR Datasheet HTML 47Page - Microchip Technology ATSAMB11XR Datasheet HTML 48Page - Microchip Technology ATSAMB11XR Datasheet HTML 49Page - Microchip Technology ATSAMB11XR Datasheet HTML 50Page - Microchip Technology ATSAMB11XR Datasheet HTML 51Page - Microchip Technology ATSAMB11XR Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
2.
With respect to TX power, different (higher/lower) RF output power settings may be used for
specific antennas and/or enclosures, in which case recertification may be required.
3.
Country specific settings (as per the Module Certifications) should be programmed at the Host
product factory to match the intended Destination. Regulatory bodies prohibit exposing the settings
to the end user. This requirement needs to be taken care of via Host implementation.
10.6
Current Consumption in Various Device States
Table 10-6. Device State Current Consumption
Device State
C_EN VDDIO IVBAT+IVDDIO (typical) (2)
Power_Down
Off
On
0.03 µA
Ultra_Low_Power with BLE timer, with RTC (1)
On
On
2.03 µA
MCU_Only, idle
On
On
1.35 mA
BLE_On_Receive @channel 37 (2402 MHz)
On
On
5.26 mA
BLE_On_Transmit, 0 dBm output power @Channel 37 (2402
MHz)
On
On
4.18 mA
BLE_On_Transmit, 0 dBm output power @Channel 39 (2480
MHz)
On
On
3.71 mA
BLE_On_Transmit, 3 dBm output power @Channel 37 (2480
MHz)
On
On
5.69 mA
BLE_On_Transmit, 3 dBm output power @Channel 39 (2480
MHz)
On
On
4.65 mA
Note: 
1.
Sleep clock derived from external 32.768 kHz crystal specified for CL = 7 pF, using the default on-
chip capacitance only, without using external capacitance.
2.
Measurement conditions:
2.1.
VBAT=3.3V
2.2.
VDDIO=3.3V
2.3.
Temperature=25°C
2.4.
These measurements are taken with FW BluSDK Smart V6.1.6991
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com