Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 84 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 84 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 79Page - Microchip Technology ATSAMB11XR Datasheet HTML 80Page - Microchip Technology ATSAMB11XR Datasheet HTML 81Page - Microchip Technology ATSAMB11XR Datasheet HTML 82Page - Microchip Technology ATSAMB11XR Datasheet HTML 83Page - Microchip Technology ATSAMB11XR Datasheet HTML 84Page - Microchip Technology ATSAMB11XR Datasheet HTML 85Page - Microchip Technology ATSAMB11XR Datasheet HTML 86Page - Microchip Technology ATSAMB11XR Datasheet HTML 87Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
Device:
PIC16F18313, PIC16LF18313, PIC16F18323, PIC16LF18323
Tape and Reel Option:
Blank
= Standard packaging (tube or
tray)
T
= Tape and Reel(1)
Temperature Range:
I
= -40°C to +85°C (Industrial)
E
= -40°C to +125°C (Extended)
Package:(2)
JQ
= UQFN
P
= PDIP
ST
= TSSOP
SL
= SOIC-14
SN
= SOIC-8
RF
= UDFN
Pattern:
QTP, SQTP, Code or Special Requirements (blank otherwise)
Examples:
•
PIC16LF18313- I/P Industrial temperature, PDIP package
•
PIC16F18313- E/SS Extended temperature, SSOP package
Note: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used
for ordering purposes and is not printed on the device package. Check with your Microchip Sales
Office for package availability with the Tape and Reel option.
2.
Small form-factor packaging options may be available. Please check http://www.microchip.com/
packaging for small-form factor package availability, or contact your local Sales Office.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
•
Microchip products meet the specification contained in their particular Microchip Data Sheet.
•
Microchip believes that its family of products is one of the most secure families of its kind on the
market today, when used in the intended manner and under normal conditions.
•
There are dishonest and possibly illegal methods used to breach the code protection feature. All of
these methods, to our knowledge, require using the Microchip products in a manner outside the
operating specifications contained in Microchip’s Data Sheets. Most likely, the person doing so is
engaged in theft of intellectual property.
•
Microchip is willing to work with the customer who is concerned about the integrity of their code.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com