Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 41 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 41 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 37Page - Microchip Technology ATSAMB11XR Datasheet HTML 38Page - Microchip Technology ATSAMB11XR Datasheet HTML 39Page - Microchip Technology ATSAMB11XR Datasheet HTML 40Page - Microchip Technology ATSAMB11XR Datasheet HTML 41Page - Microchip Technology ATSAMB11XR Datasheet HTML 42Page - Microchip Technology ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
9.6
Analog to Digital Converter (ADC)
9.6.1
Overview
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have an integrated Successive Approximation
Register (SAR) ADC with 11-bit resolution and variable conversion speed up 1MS/s. The key building
blocks are the capacitive DAC, comparator, and synchronous SAR engine as illustrated in Figure 9-3.
Figure 9-3. SAR ADC Block Diagram
The ADC reference voltage can be either generated internally or set externally via one of the four
available Mixed Signal GPIO pins on the ATSAMB11-XR2100A and the ATSAMB11-ZR210CA.
There are two modes of operation:
•
High resolution (11-bit): Set the reference voltage to half the supply voltage or below. In this
condition the input signal dynamic range is equal to twice the reference voltage (ENOB=10-bit).
•
Medium Resolution (10-bit) : Set the reference voltage to any value below supply voltage (up to
supply voltage - 300 mV) and in this condition the input dynamic range is from zero to the reference
voltage (ENOB = 9-bit).
Four input channels are time multiplexed to the input of the SAR ADC. However, on the ATSAMB11, only
four channel inputs are accessible from the outside, through the Mixed Signal GPIO pin numbers listed in
Table 9-1.
In power saving mode, the internal reference voltage is completely off and the reference voltage is set
externally.
The ADC characteristics are summarized in Table 9-5.
Table 9-5. SAR ADC Characteristics
Conversion rate
1 ks → 1 MS
Selectable Resolution
10 → 11 bit
Power consumption
13.5 µA (at 100 KS/s) (1)
Note: 
1.
With external reference.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com