Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 25 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 25 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 21Page - Microchip Technology ATSAMB11XR Datasheet HTML 22Page - Microchip Technology ATSAMB11XR Datasheet HTML 23Page - Microchip Technology ATSAMB11XR Datasheet HTML 24Page - Microchip Technology ATSAMB11XR Datasheet HTML 25Page - Microchip Technology ATSAMB11XR Datasheet HTML 26Page - Microchip Technology ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
7.1.1
Features
The processor features and benefits are:
•
Tight integration with the system peripherals to reduce area and development costs
•
Thumb instruction set combines high code density with 32-bit performance
•
Integrated sleep modes using a Wakeup Interrupt Controller for low power consumption
•
Deterministic and high-performance interrupt handling via Nested Vector Interrupt Controller for
time-critical applications
•
Serial Wire Debug reduces the number of pins required for debugging
•
DMA engine for Peripheral-to-Memory, Memory-to-Memory, and Memory-to-Peripheral operation
7.1.2
Wakeup Sources
Ultra_Low_Power is the lowest possible power state for the system. In Ultra_Low_Power state, ARM
Cortex-M0, BLE core, GPIO's, and all other peripheral cores are powered-down. Only AON-GPIO_0 and
AON-Sleep timer are functional in this state.
ATSAMB11 contains the following wake-up sources that wake up the system from Ultra_Low_Power
mode:
•
BLE events
•
AON-GPIO_0
•
AON-Sleep timer
7.1.3
ARM Module Descriptions
7.1.3.1
Timer
The 32-bit timer block allows the CPU to generate a time tick at a programmed interval. This feature can
be used for a wide variety of functions such as counting, interrupt generation, and time tracking.
Note:  ARM Timer is one of the reserved resources being used by the BLE stack. Application must
refrain from using this peripheral.
7.1.3.2
Dual Timer
The APB dual-input timer module is an APB slave module consisting of two programmable 32-bit down-
counters that can generate interrupts when they expire. The timer can be used in a Free-running,
Periodic, or One-shot mode.
7.1.3.3
Watchdog Timer
The two watchdog blocks allow the CPU to be interrupted, if it has not interacted with the watchdog timer
before it expires. In addition, this interrupt will be an output of the core, so that it can be used to reset the
CPU in the event that a direct interrupt to the CPU is not useful. This will allow the CPU to get back to a
known state in the event, a program is no longer executing as expected. The watchdog module applies a
reset to a system in the event of a software failure, providing a way to recover from software crashes.
Watchdog timer 0 is a reserved resource, being used by the BLE stack. Application must refrain from
using the watchdog timer 0.
7.1.3.4
Always-On (AON) sleep Timer
This timer is a 32-bit countdown timer that operates on the 32 kHz sleep clock. It can be used as a
general-purpose timer for the ARM or as a wake-up source for the chip. It has the ability to be a one-time
programmable timer, as it will generate an interrupt/wake-up on expiration and stop operation. It also has
the ability to be programmed in an auto reload fashion, where it will generate an interrupt/wake-up and
then proceed to start another countdown sequence.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com