Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 7 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 3Page - Microchip Technology ATSAMB11XR Datasheet HTML 4Page - Microchip Technology ATSAMB11XR Datasheet HTML 5Page - Microchip Technology ATSAMB11XR Datasheet HTML 6Page - Microchip Technology ATSAMB11XR Datasheet HTML 7Page - Microchip Technology ATSAMB11XR Datasheet HTML 8Page - Microchip Technology ATSAMB11XR Datasheet HTML 9Page - Microchip Technology ATSAMB11XR Datasheet HTML 10Page - Microchip Technology ATSAMB11XR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
2.
Package Information
Table 2-1. ATSAMB11-XR2100A SiP 40 Package Information
Parameter
Value
Units
Tolerance
Package size
5.5 x 4.5
mm
±0.05 mm
Pad count
40
Total thickness
1.36
mm
±0.05 mm
Pad pitch
0.4
Pad width
0.21
Exposed pad size
0.5 x 0.5
Note:  For drawing details, see Figure 11-1.
Table 2-2. ATSAMB11-ZR210CA Module Information
Parameter
Value
Units
Tolerance
Package size
7.503 x 10.541
mm
Untoleranced dimension
Pad count
34
Total thickness
1.868
mm
Untoleranced dimensions
Pad pitch
0.61
Pad width
0.406
Exposed pad size
2.705 x 2.705
Note:  For drawing details, see Figure 11-2.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com