Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 58 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 58 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 54Page - Microchip Technology ATSAMB11XR Datasheet HTML 55Page - Microchip Technology ATSAMB11XR Datasheet HTML 56Page - Microchip Technology ATSAMB11XR Datasheet HTML 57Page - Microchip Technology ATSAMB11XR Datasheet HTML 58Page - Microchip Technology ATSAMB11XR Datasheet HTML 59Page - Microchip Technology ATSAMB11XR Datasheet HTML 60Page - Microchip Technology ATSAMB11XR Datasheet HTML 61Page - Microchip Technology ATSAMB11XR Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 87 page
background image
Figure 10-9. SPI Flash Master Timing Diagram
Table 10-12. SPI Flash Master Timing Parameters(1)
Parameter
Symbol
Min.
Max.
Units
Clock Output Frequency(2)
fSCK
13
MHz
Clock Low Pulse Width
tWL
25
ns
Clock High Pulse Width
tWH
27
Clock Rise Time(3)
tLH
11
Clock Fall Time(3)
tHL
10
RXD Input Setup Time
tISU
19
RXD Input Hold Time
tIHD
0
SSN/TXD Output Delay(3)
tODLY
1
7
Note: 
1.
Timing is applicable to all SPI modes.
2.
Maximum clock frequency specified is limited by the SPI Master interface internal design. Actual
maximum clock frequency can be lower and depends on the specific PCB layout.
3.
Timing based on 15 pF output loading.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com