Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 2 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 2 Page - Microchip Technology

  ATSAMB11XR Datasheet HTML 1Page - Microchip Technology ATSAMB11XR Datasheet HTML 2Page - Microchip Technology ATSAMB11XR Datasheet HTML 3Page - Microchip Technology ATSAMB11XR Datasheet HTML 4Page - Microchip Technology ATSAMB11XR Datasheet HTML 5Page - Microchip Technology ATSAMB11XR Datasheet HTML 6Page - Microchip Technology ATSAMB11XR Datasheet HTML 7Page - Microchip Technology ATSAMB11XR Datasheet HTML 8Page - Microchip Technology ATSAMB11XR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
–
128 KB embedded ROM
–
256 KB stacked Flash memory
•
Hardware Security Accelerators:
–
Advanced Encryption Standard (AES)-128
–
Secure Hash Algorithm (SHA)-256
•
Peripherals:
–
23 digital and 4 mixed-signal General Purpose Input Outputs (GPIOs) with 96 kOhm internal
programmable pull-up or down resistors and retention capability, and one wake-up GPIO with 96
kOhm internal pull-up resistor
–
Two Serial Peripheral Interface (SPI) Master/Slave
–
Two Inter-Integrated Circuit (I2C) Master/Slave and one I2C Slave interface
–
Two UART
–
One SPI flash interface (used for accessing the internal stacked flash)
–
Three-axis quadrature decoder
–
Four Pulse Width Modulation (PWM) channels
–
Three General Purpose Timers and one Always-On (AON) sleep Timer
–
4-channel, 11-bit Analog-to-Digital Converter (ADC)
•
Clock:
–
Integrated 26 MHz RC oscillator
–
Integrated 2 MHz RC oscillator
–
26 MHz crystal oscillator (XO)
–
32.768 kHz Real Time Clock crystal oscillator (RTC XO)
•
Ultra-Low Power:
–
2.03 µA sleep current
–
4.17 mA peak TX current (1)
–
5.26 mA peak RX current
–
16.4 µA average advertisement current (three channels, 1s interval) (2)
•
Integrated Power Management:
–
2.3V to 4.3V battery voltage range
–
2.3V to 3.6V input range for I/O (limited by Flash memory)
–
Fully integrated Buck DC/DC converter
•
Temperature Range:
–
-40°C to 85°C
•
Package:
–
40-pin FLGA IC package 5.5 mm x 4.5 mm
–
34-pin module package 10.541 mm x 7.503 mm
Note: 
1.
TX output power - 0 dBm.
2.
Advertisement channels - 3 ; Advertising interval - 1 second ; Advertising event type - Connectable
undirected; Advertisement data payload size - 31 octets.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com