Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 16 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 12Page - Microchip Technology ATSAMB11XR Datasheet HTML 13Page - Microchip Technology ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology ATSAMB11XR Datasheet HTML 19Page - Microchip Technology ATSAMB11XR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
Table 5-2. I/O Pin Behavior in the Different Device States (1)
Device State
VDDIO CHIP_EN
Output Driver
Input Driver
Pull Up/Down
Resistor (2)
Power_Down: core supply
off
High
Low
Disabled (Hi-Z)
Disabled
Disabled
Power-on Reset: core
supply on, POR hard reset
pulse on
High
High
Disabled (Hi-Z)
Disabled
Disabled (3)
Power-on Default: core
supply on, device out of
reset but not programmed
yet
High
High
Disabled (Hi-Z)
Enabled(4)
Enabled Pull-Up (4)
MCU_Only, BLE_On: core
supply on, device
programmed by firmware
High
High
Programmed by
firmware for each
pin: Enabled or
Disabled (Hi-Z)
(5) ,when Enabled
driving 0 or 1
Opposite of
Output
Driver state:
Disabled or
Enabled (5)
Programmed by
firmware for each
pin: Enabled or
Disabled, Pull-Up
or Pull- Down(5)
Ultra_Low_Power:
core supply on for always-
on domain, core supply off
for switchable domains
High
High
Retains previous
state(6) for each pin:
Enabled or Disabled
(Hi-Z), when
Enabled driving 0 or
1
Opposite of
Output
Driver state:
Disabled or
Enabled(6)
Retains previous
state (6) for each
pin: Enabled or
Disabled, Pull-Up
or Pull-Down
Note: 
1.
This table applies to all three types of I/O pins (digital switchable domain GPIOs, digital always-on/
wake-up GPIO, and mixed-signal GPIOs) unless otherwise noted.
2.
Pull-up/down resistor value is 96 kOhm ±10%.
3.
In Power-on Reset state, the pull-up resistor is enabled in the always-on/wake-up GPIO only.
4.
In Power-on Default state, the input drivers and pull-up/down resistors are disabled in the mixed-
signal GPIOs only (mixed-signal GPIOs are defaulted to analog mode, see the note below).
5.
Mixed-signal GPIOs can be programmed to be in analog or digital mode for each pin: when
programmed to analog mode (default), the output driver, input driver, and pull-up/down resistors are
all disabled.
6.
In Ultra_Low_Power state, the always-on/wake-up GPIO does not have retention capability and
behaves same as in MCU_Only or BLE_On states, also for mixed-signal GPIOs programming
analog mode overrides retention functionality for each pin.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com