Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 79 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 79 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 75Page - Microchip Technology ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology ATSAMB11XR Datasheet HTML 78Page - Microchip Technology ATSAMB11XR Datasheet HTML 79Page - Microchip Technology ATSAMB11XR Datasheet HTML 80Page - Microchip Technology ATSAMB11XR Datasheet HTML 81Page - Microchip Technology ATSAMB11XR Datasheet HTML 82Page - Microchip Technology ATSAMB11XR Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 87 page
background image
16.3
Europe
The ATSAMB11-ZR210CA module is a Radio Equipment Directive (RED) assessed radio module that is
CE marked and has been manufactured and tested with the intention of being integrated into a final
product.
The ATSAMB11-ZR210CA module has been tested to RED 2014/53/EU Essential Requirements for
Health and Safety (Article (3.1(a)), Electromagnetic Compatibility (EMC) (Article 3.1(b)), and Radio
(Article 3.2), which is summarized in Table 16-1.
The ETSI provides guidance on modular devices in the “Guide to the application of harmonised standards
covering articles 3.1b and 3.2 of the RED 2014/53/EU (RED) to multi-radio and combined radio and non-
radio equipment” document available at http://www.etsi.org/deliver/etsi_eg/203300_203399/20
3367/01.01.01_60/eg_203367v010101p.pdf.
Note:  To maintain conformance to the testing listed in Table 16-1, the module shall be installed in
accordance with the installation instructions in this data sheet and shall not be modified. When integrating
a radio module into a completed product, the integrator becomes the manufacturer of the final product
and is therefore responsible for demonstrating compliance of the final product with the essential
requirements against the RED.
16.3.1
Labeling and User Information Requirements
The label on the final product that contains the ATSAMB11-ZR210CA module must follow CE marking
requirements.
Table 16-1. European Compliance Testing (ATSAMB11-ZR210CA)
Certification Standards
Article
Laboratory Report Number
Date
Safety
EN60950-1:2006/A11:2009/
A1:2010/ A12:2011/A2:2013
[3.1(a)]
TUV
Rheinland,
Taiwan
11062248 001
2017-08-18
Health
EN 300 328 V2.1.1/ EN
62479:2010
50098290 001
2017-09-22
EMC
EN 301 489-1 V2.1.1
EN 301 489-1 V2.2.0
[3.1(b)]
10062088 001
2017-09-22
EN 301 489-17 V3.1.1
EN 301 489-17 V3.2.0
Radio
EN 300 328 V2.1.1
(3.2)
50098290 001
2017-09-22
16.3.2
Conformity Assessment
From ETSI Guidance Note EG 203367, section 6.1, when non-radio products are combined with a radio
product:
If the manufacturer of the combined equipment installs the radio product in a host non-radio product in
equivalent assessment conditions (i.e. host equivalent to the one used for the assessment of the radio
product) and according to the installation instructions for the radio product, then no additional assessment
of the combined equipment against article 3.2 of the RED is required.
The European Compliance Testing listed in the Table 16-1 is performed using the integral chip antenna.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com