Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 31 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 31 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology ATSAMB11XR Datasheet HTML 31Page - Microchip Technology ATSAMB11XR Datasheet HTML 32Page - Microchip Technology ATSAMB11XR Datasheet HTML 33Page - Microchip Technology ATSAMB11XR Datasheet HTML 34Page - Microchip Technology ATSAMB11XR Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
Figure 7-4. Bank 5 Block 3
The bits that are not depicted in the above register description are all reserved for future use.
7.3.1
26 MHz XO Calibration information
Information for both ATSAMB11-XR2100A and ATSAMB11-ZR210CA will be pre-programmed.
7.3.2
BT Address
These bits contain the BT address used by the user application. For ATSAMB11-ZR210CA modules, the
BT address is pre-programmed. For ATSAMB11-XR2100A, the user must purchase the MAC address
from IEEE and program it to the designated bit locations of the non-volatile memory.
7.3.3
Flash Memory
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have 256 kB of Flash memory, stacked on top of
the MCU and BLE SoC. It is accessed through the SPI Flash controller.
Flash memory features are:
•
256 bytes per programmable page
•
Uniform 4 kB Sectors, 32 kB & 64 kB Blocks
•
Sector Erase (4 Kbyte)
•
Block Erase (32K or 64 Kbyte)
•
Page program up to 256 bytes <1 ms
•
More than 100,000 erase/write cycles and more than 20-year data retention
•
2.3V to 3.6V supply range
Refer to BluSDK SMART BLE API Software Development Guide for the memory map of this memory
section.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com