Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 12 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 8Page - Microchip Technology ATSAMB11XR Datasheet HTML 9Page - Microchip Technology ATSAMB11XR Datasheet HTML 10Page - Microchip Technology ATSAMB11XR Datasheet HTML 11Page - Microchip Technology ATSAMB11XR Datasheet HTML 12Page - Microchip Technology ATSAMB11XR Datasheet HTML 13Page - Microchip Technology ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
ATSAMB11-
XR2100A
Pin #
ATSAMB11-
ZR210CA
Pin #
Pin Name
Pin Type
Description / Default
Function
Can be used to Wakeup the
device from Ultra_Low_Power
mode.
21
2
AO_GPIO_1
Always On. Digital
I/O, Programmable
Pull- Up
GPIO with Programmable Pull-
Up
22
3
AO_GPIO_2
Always On. Digital
I/O, Programmable
Pull- Up
GPIO with Programmable Pull-
Up
23
4
LP_GPIO_14
Digital I/O
GPIO with Programmable Pull-
Up/Down
24
5
LP_GPIO_15
Digital I/O
GPIO with Programmable Pull-
Up/Down
25
-
LP_GPIO_24
Digital I/O
GPIO with Programmable Pull-
Up/Down
26
6
LP_GPIO_16
Digital I/O
GPIO with Programmable Pull-
Up/Down
27
7
VDDIO
Power supply
Power supply pin for the I/O
pins. Can be less than or equal
to voltage supplied at VBAT
28
8
LP_GPIO_17
Digital I/O
GPIO with Programmable Pull-
Up/Down
29
9
LP_GPIO_18
Digital I/O
GPIO with Programmable Pull-
Up/Down
30
10
LP_GPIO_19
Digital I/O
GPIO with Programmable Pull-
Up/Down
31
-
TPP
Do not connect
32
11, 26
GND
Ground
33
-
RFIO
Analog I/O
RX input and TX output. Single-
ended RF I/O; To be connected
to antenna
34
-
NC
Do not connect
35
12
LP_GPIO_0
Digital I/O
SWD clock
36
13
LP_GPIO_1
Digital I/O
SWD I/O
37
14
LP_GPIO_2
Digital I/O
GPIO with Programmable Pull-
Up/Down
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com