Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 47 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 47 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology ATSAMB11XR Datasheet HTML 46Page - Microchip Technology ATSAMB11XR Datasheet HTML 47Page - Microchip Technology ATSAMB11XR Datasheet HTML 48Page - Microchip Technology ATSAMB11XR Datasheet HTML 49Page - Microchip Technology ATSAMB11XR Datasheet HTML 50Page - Microchip Technology ATSAMB11XR Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
Parameter
Minimum
Typical
Maximum
Unit
N-2 Blocker
-38
N+3 Blocker (Adj. Image)
-35
N-3 Blocker
-43
N±4 or greater
-45
dB
Intermod (N+3, N+6)
-32
dBm
OOB (2 GHz<f<2.399 GHz)
-15
OOB (f<2 GHz or f>2.5 GHz)
-10
All measurements are taken after the RF input matching network. Refer to the reference schematic of
Figure 12-1.
All measurements are performed at VBAT - 3.3V; VDDIO-3.3V and 25°C, with tests following the
Bluetooth V4.1 standard tests.
Note: 
1.
Typical receiver sensitivity is average across 40 channels.
10.5
Transmitter Performance
The transmitter contains fine step power control with Pout variable in <3 dB steps below 0 dBm and in
<0.5 dB steps above 0 dBm.
Table 10-5. BLE Transmitter Performance
Parameter
Minimum
Typical
Maximum
Unit
Frequency
2,402
2,480
MHz
Output power range
-20
0
3.5
dBm
In-band Spurious (N±2)
-45
In-band Spurious (N±3)
-50
2nd harmonic Pout
-41
3rd harmonic Pout
-41
4th harmonic Pout
-41
5th harmonic Pout
-41
Frequency deviation
±250
kHz
All measurements are taken after the RF input matching network. Refer to the reference schematic
Figure 12-1.
All measurements are performed at VBAT - 3.3V; VDDIO - 3.3V and 25°C, with tests following the
Bluetooth V4.1 standard tests.
Note: 
1.
At 0 dBm TX output power.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com