Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 38 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 38 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 34Page - Microchip Technology ATSAMB11XR Datasheet HTML 35Page - Microchip Technology ATSAMB11XR Datasheet HTML 36Page - Microchip Technology ATSAMB11XR Datasheet HTML 37Page - Microchip Technology ATSAMB11XR Datasheet HTML 38Page - Microchip Technology ATSAMB11XR Datasheet HTML 39Page - Microchip Technology ATSAMB11XR Datasheet HTML 40Page - Microchip Technology ATSAMB11XR Datasheet HTML 41Page - Microchip Technology ATSAMB11XR Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
•
MUX1: any option from the MEGAMUX table can be selected, for example, it can be a quad_dec,
pwm, or any of the other functions listed in the MEGAMUX table
•
MUX2: the pin functions as UART1 TXD; this can be also achieved with the MUX1 option via
MEGAMUX, but the MUX2 option allows a shortcut for the recommended pinout
•
MUX3: this option is not used and thus defaults to the GPIO option (same as MUX0)
•
MUX4: the pin functions as SPI1 MOSI (this option is not available through MEGAMUX)
•
MUX5: the pin functions as SPI0 MOSI (this option is not available through MEGAMUX)
•
MUX6: the pin functions as SPI FLASH SCK (this option is not available through MEGAMUX)
•
MUX7: the pin functions as bit 3 of the test output bus, giving access to various debug signals
9.2
I2C Master/Slave Interface
9.2.1
Description
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA provides an I2C Interface that can be configured as
Slave or Master. I2C Interface is a two-wire serial interface consisting of a serial data line (SDA) and a
serial clock line (SCL). The ATSAMB11-XR2100A and ATSAMB11-ZR210CA I2C support I2C bus Version
2.1 - 2000 and can operate in the following speed modes:
•
Standard mode (100 kb/s)
•
Fast mode (400 kb/s)
•
High-speed mode (3.4 Mb/s)
The I2C is a synchronous serial interface. The SDA line is a bidirectional signal and changes only while
the SCL line is low, except for STOP and START conditions. The I2C peripheral does not support
repeated start condition. The output drivers are open-drain to perform wire-AND functions on the bus.
The maximum number of devices on the bus are limited by only the maximum capacitance specification
of 400 pF. Data is transmitted in byte packages.
For specific information, refer to the Philips Specification entitled “The I2C -Bus Specification, Ver 2.1”.
9.3
SPI Master/Slave Interface
9.3.1
Description
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA provides a Serial Peripheral Interface (SPI) that
can be configured as Master or Slave. The SPI Interface pins are mapped, as illustrated in the following
figure. The SPI Interface is a full-duplex slave-synchronous serial interface. When the SPI is not selected,
i.e., when SSN is high, the SPI interface will not interfere with data transfers between the serial-master
and other serial-slave devices. When the serial slave is not selected, its transmitted data output is
buffered, resulting in a high impedance drive onto the serial master receive line. The SPI Slave interface
responds to a protocol that allows an external host to read or write any register in the chip as well as
initiate DMA transfers.
Table 9-3. SPI Interface Pin Mapping
Pin Name
SPI Function
SSN
Active Low Slave Select
SCK
Serial Clock
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com