Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 42 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 42 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 38Page - Microchip Technology ATSAMB11XR Datasheet HTML 39Page - Microchip Technology ATSAMB11XR Datasheet HTML 40Page - Microchip Technology ATSAMB11XR Datasheet HTML 41Page - Microchip Technology ATSAMB11XR Datasheet HTML 42Page - Microchip Technology ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology ATSAMB11XR Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
9.6.2
Timing
The ADC timing is shown in Figure SAR ADC Timing. The input signal is sampled twice, in the first
sampling cycle the input range is defined either to be above reference voltage or below it and in the
second sampling instant the ADC start its normal operation.
The ADC takes two sampling instants and N-1 conversion cycle (N=ADC resolution) and one cycle to
sample the data out. Therefore, for the 11-bit resolution, it takes 13 clock cycles to do one Sample
conversion.
The Input clock equals N+2 the sampling clock frequency (N is the ADC resolution).
CONV signal : Gives indication about end of conversion.
SAMPL : The input signal is sampled when this signal is high.
RST ENG : When High SAR Engine is in reset mode (SAR engine output is set to mid-scale).
Figure 9-4. SAR ADC Timing
9.6.3
GPIOs
The 23 General Purpose Input/Output (GPIO) pins, labeled as LP_GPIO, 4 GPIO_MS, and 3 AO_GPIO,
are available to allow for application specific functions. Each GPIO pin can be programmed as an input or
as an output. The host or internal processor can program the output values.
LP_GPIO are digital interface pins, GPIO_MS are mixed signal/analog interface pins, and AO_GPIO is an
always-on digital interface pin. AO_GPIO can be used as a wake-up source from Ultra_Low_Power
mode.
The LP_GPIO have interrupt capability, only during inactive/standby mode. In sleep mode, they are
turned off to save power consumption.
9.7
Software Programmable Timer and Pulse Width Modulator
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA contain four individually configurable pulse width
modulator (PWM) blocks to provide external control voltages. The base frequency of the PWM block
(fPWM_base) is derived from the XO clock (26 MHz) or the RC oscillator followed by a programmable
divider.
The frequency of each PWM pulse (fPWM ) is programmable in steps according to the following
relationship:
��������=��������_��������
64*2��             ��=0,1,2,…,8
The duty cycle of each PWM signal is configurable with 10-bit resolution (minimum duty cycle is 1/1024
and the maximum is 1023/1024).
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com