Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 68 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 68 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 64Page - Microchip Technology ATSAMB11XR Datasheet HTML 65Page - Microchip Technology ATSAMB11XR Datasheet HTML 66Page - Microchip Technology ATSAMB11XR Datasheet HTML 67Page - Microchip Technology ATSAMB11XR Datasheet HTML 68Page - Microchip Technology ATSAMB11XR Datasheet HTML 69Page - Microchip Technology ATSAMB11XR Datasheet HTML 70Page - Microchip Technology ATSAMB11XR Datasheet HTML 71Page - Microchip Technology ATSAMB11XR Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
Dedicate one layer as a ground plane, preferably the second layer from the top. Make sure that this
ground plane does not get broken up by routes. Power can route on all layers except the ground layer.
Power supply routes should be heavy copper fill planes to ensure the lowest possible inductance. The
power pins of the ATSAMB11-XR2100A should have a via directly to the power plane as close to the pin
as possible. Decoupling capacitors should have a via right next to the capacitor pin and this via should go
directly down to the power plane – that is to say, the capacitor should not route to the power plane
through a long trace. The ground side of the decoupling capacitor should have a via right next to the pad
which goes directly down to the ground plane. Each decoupling capacitor should have its own via directly
to the ground plane and directly to the power plane right next to the pad. The decoupling capacitors
should be placed as close to the pin that it is filtering as possible.
13.1.2
Antenna
When designing the ATSAMB11-XR2100A, it is important to pay attention to the following
recommendations for antenna placement:
1.
Make sure to choose an antenna that covers the proper frequency band; 2.400 GHz to 2.500 GHz.
2.
Assure that the antenna is designed matched to 50 Ohm input impedance.
3.
Talk to the antenna vendor and make sure it is understood that the full frequency range must be
covered by the antenna.
4.
Be sure to follow the antenna vendors best practice layout recommendations, while placing the
antenna in the customer PCB design.
5.
The customer PCB pad that the antenna is connected to must be properly designed for 50 Ohm
impedance.
6.
Make sure that the trace from the RF pin on the ATSAMB11-XR2100A to the antenna matching
circuitry has a 50 Ohm impedance.
7.
Do not enclose the antenna within a metal shield.
8.
Keep any components that may radiate noise or signals within the 2.4 GHz to 2.5 GHz frequency
band far away from the antenna and RF traces or better yet, shield the noisy components. Any
noise radiated from the customer PCB in this frequency band will degrade the sensitivity of the
ATSAMB11-XR2100A device.
13.2
SWD Interface
For programming and/or debugging the ATSAMB11XR/ZR, the device must be connected using the
Serial Wire Debug (SWD) interface. Currently, the SWD interface is supported by Microchip programmers
and debuggers SAM-ICE and ATMEL-ICE.
For ATMEL-ICE, which supports Cortex Debug Connector (10-pin) interface, the signals must be
connected, as shown in Figure 13-2 with details described in Table 13-1.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com