Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 43 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 43 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 39Page - Microchip Technology ATSAMB11XR Datasheet HTML 40Page - Microchip Technology ATSAMB11XR Datasheet HTML 41Page - Microchip Technology ATSAMB11XR Datasheet HTML 42Page - Microchip Technology ATSAMB11XR Datasheet HTML 43Page - Microchip Technology ATSAMB11XR Datasheet HTML 44Page - Microchip Technology ATSAMB11XR Datasheet HTML 45Page - Microchip Technology ATSAMB11XR Datasheet HTML 46Page - Microchip Technology ATSAMB11XR Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
fPWM
base can be selected to have different values according to Table 9-6. The minimum and maximum
frequencies supported for each clock selection are also listed in the table.
Table 9-6. fPWM Range for Different fPWM Base Frequencies
fPWM
base
fPWM max.
fPWM min.
26 MHz
406.25 kHz
1.586 kHz
13 MHz
203.125 kHz
793.25 Hz
6.5 MHz
101.562 kHz
396.72 Hz
3.25 MHz
50.781 kHz
198.36 Hz
9.8
Clock Output
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have an option to output a clock. The clock can be
output to any GPIO pin via the test MUX. Note that this feature requires that the ARM and BLE power
domains stay on. If BLE is not used, the clocks to the BLE core are gated off, resulting in small leakage.
The following two methods can be used to output a clock.
Note:  Refer the BluSDK Smart BLE API Software Development Guide for details on how to enable the
32.768 kHz clock output.
9.8.1
Variable Frequency Clock Output Using Fractional Divider
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA can output the variable frequency ADC clock using
a fractional divider of the 26 MHz oscillator. This clock needs to be enabled using bit 10 of the
lpmcu_clock_enables_1 register. The clock frequency can be controlled by the divider ratio using the
sens_adc_clk_ctrl register (12-bits integer part, 8-bit fractional part).The division ratio can vary from 2 to
4096 delivering output frequency between 6.35 kHz to 13 MHz. This is a digital divider with pulse
swallowing implementation, so the clock edges may not be at exact intervals for the fractional ratios.
However, it is exact for integer division ratios.
9.8.2
Fixed Frequency Clock Output
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA can output the following fixed-frequency clocks:
•
52 MHz derived from XO
•
26 MHz derived from XO
•
32.768 kHz derived from the RTC XO
•
26 MHz derived from 26 MHz RC Osc.
•
6.5 MHz derived from XO
•
3.25 MHz derived from 26 MHz RC Osc.
For clocks with frequency of 26 MHz and above, ensure that external pad load on the board is minimized
to get a clean waveform.
9.9
Three-axis Quadrature Decoder
The ATSAMB11-XR2100A and ATSAMB11-ZR210CA have a three-axis Quadrature decoder (X, Y, and Z)
that can determine the direction and speed of movement on three axes, requiring in total six GPIO pins to
interface with the sensors. The sensors are expected to provide pulse trains as inputs to the quadrature
decoder.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com