Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 15 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 15 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 11Page - Microchip Technology ATSAMB11XR Datasheet HTML 12Page - Microchip Technology ATSAMB11XR Datasheet HTML 13Page - Microchip Technology ATSAMB11XR Datasheet HTML 14Page - Microchip Technology ATSAMB11XR Datasheet HTML 15Page - Microchip Technology ATSAMB11XR Datasheet HTML 16Page - Microchip Technology ATSAMB11XR Datasheet HTML 17Page - Microchip Technology ATSAMB11XR Datasheet HTML 18Page - Microchip Technology ATSAMB11XR Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
Figure 5-1. Power-up/Power-down Sequence
The timing parameters are provided in following table.
Table 5-1. Power-up/Power-down Sequence Timing
Parameter Min. Max. Units
Description
Notes
tA
0
ms
VBAT rise to VDDIO rise
VBAT and VDDIO can rise
simultaneously or can be tied together
tB
0
VDDIO rise to C_EN rise
C_EN must not rise before VDDIO. C_EN
must be driven high or low, not left
floating.
tC
10
µs
C_EN rise to 31.25 kHz (2
MHz/64) oscillator stabilizing
tB'
0
ms
C_EN fall to VDDIO fall
C_EN must fall before VDDIO. C_EN
must be driven high or low, not left
floating.
tA'
0
VDDIO fall to VBAT fall
VBAT and VDDIO can fall simultaneously
or be tied together
5.3
Digital and Mixed-Signal I/O Pin Behavior during Power-Up Sequences
The following table represents I/O pin states corresponding to device power modes.
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com