Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 74 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 74 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 70Page - Microchip Technology ATSAMB11XR Datasheet HTML 71Page - Microchip Technology ATSAMB11XR Datasheet HTML 72Page - Microchip Technology ATSAMB11XR Datasheet HTML 73Page - Microchip Technology ATSAMB11XR Datasheet HTML 74Page - Microchip Technology ATSAMB11XR Datasheet HTML 75Page - Microchip Technology ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology ATSAMB11XR Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
15.
Reflow Profile Information
This section provides guidelines for the reflow process in soldering the ATSAMB11-XR2100A or the
ATSAMB11-ZR210CA to the customer’s design.
15.1
Storage Condition
15.1.1
Moisture Barrier Bag Before Opening
A moisture barrier bag must be stored in a temperature of less than 30°C with humidity under 85% RH.
The calculated shelf life for the dry-packed product shall be 12 months from the date the bag is sealed.
15.1.2
Moisture Barrier Bag Open
Humidity indicator cards must be blue, < 30%.
15.2
Stencil Design
The recommended stencil is a laser-cut, stainless-steel type with a thickness of 75 µm to 100 µm and
approximately a 1:1 ratio of stencil opening to pad dimension. To improve paste release, a positive taper
with bottom opening 25 µm larger than the top can be utilized. Local manufacturing experience may find
other combinations of stencil thickness and aperture size to get good results.
15.3
Soldering and Reflow Conditions
15.3.1
Reflow Oven
It is strongly recommended that a reflow oven equipped with more heating zones and Nitrogen
atmosphere be used for lead-free assembly. Nitrogen atmosphere has shown to improve the wet-ability
and reduce temperature gradient across the board. It can also enhance the appearance of the solder
joints by reducing the effects of oxidation.
The following items should also be observed in the reflow process:
Some recommended pastes include
•
NC-SMQ
® 230 flux and Indalloy® 241 solder paste made up of 95.5 Sn/3.8 Ag/0.7 Cu
•
SENJU N705-GRN3360-K2-V Type 3, no clean paste.
Allowable reflow soldering iterations:
•
Three times based on the following reflow soldering profile (see Figure 15-1).
Temperature profile:
•
Reflow soldering shall be done according to the following temperature profile (see Figure 15-1).
•
Peak temperature: 250°C.
15.4
Baking Conditions
This module is rated at MSL level 3. After sealed bag is opened, no baking is required within 168 hours
so long as the devices are held at <= 30°C/60% RH or stored at <10% RH.
The module will require baking before mounting if:
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com