Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 1 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 1 Page - Microchip Technology

  ATSAMB11XR Datasheet HTML 1Page - Microchip Technology ATSAMB11XR Datasheet HTML 2Page - Microchip Technology ATSAMB11XR Datasheet HTML 3Page - Microchip Technology ATSAMB11XR Datasheet HTML 4Page - Microchip Technology ATSAMB11XR Datasheet HTML 5Page - Microchip Technology ATSAMB11XR Datasheet HTML 6Page - Microchip Technology ATSAMB11XR Datasheet HTML 7Page - Microchip Technology ATSAMB11XR Datasheet HTML 8Page - Microchip Technology ATSAMB11XR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
ATSAMB11XR/ZR
Ultra Low Power BLE 4.1 SiP/Module
Introduction
The ATSAMB11-XR2100A is an ultra-low power Bluetooth
® Low Energy (BLE) 4.1 System in a Package
(SiP) with Integrated MCU, Transceiver, Modem, MAC, PA, Transmit/Receive (T/R) Switch, and Power
Management Unit (PMU). It is a standalone Cortex
® -M0 applications processor with embedded Flash
memory and BLE connectivity.
The Bluetooth SIG qualified Bluetooth Smart protocol stack is stored in a dedicated ROM. The firmware
includes L2CAP service layer protocols, Security Manager, Attribute protocol (ATT), Generic Attribute
Profile (GATT), and the Generic Access Profile (GAP). Additionally, example applications are available for
application profiles such as Proximity, Thermometer, Heart Rate and Blood Pressure, and many others
are supported.
The ATSAMB11-XR2100A provides a compact footprint and various embedded features, such as a 26
MHz crystal oscillator. It provides the right solution for the customer, whose BLE design requires full
features while using low power consumption and minimal PCB space.
The ATSAMB11-ZR210CA is a fully certified module that contains the ATSAMB11-XR2100A and all
external circuitry required, including a ceramic high-gain antenna. The user simply places the module into
their PCB and provides power with a 32.768 kHz Real Time Clock or crystal, and an I/O path.
Microchip BluSDK Smart offers a comprehensive set of tools and reference applications for several
Bluetooth SIG defined profiles and a custom profile. The BluSDK Smart will help the user quickly
evaluate, design and develop BLE products with the ATSAMB11-XR2100A and ATSAMB11-ZR210CA.
Features
•
2.4 GHz Transceiver and Modem:
–
-92.5 dBm receiver sensitivity
–
-20 dBm to +4 dBm programmable TX output power
–
Integrated T/R switch
–
Single wire antenna connection (ATSAMB11-XR2100A)
–
Incorporated chip antenna (ATSAMB11-ZR210CA)
•
Processor Features:
–
ARM
® Cortex®-M0 32-bit processor
–
Serial Wire Debug (SWD) interface
–
Four-channel Direct Memory Access (DMA) controller
–
Brownout detector and Power-on Reset
–
Watchdog timer
•
Memory:
–
128 KB embedded Random Access Memory (RAM)
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 1


Similar Part No. - ATSAMB11XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
Ultra Low Power BLE 4.1 Module
More results

Similar Description - ATSAMB11XR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
IGBT SIP MODULE Ultra-Fast IGBT
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
IGBT SIP MODULE Ultra-Fast IGBT
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
Ultra Low Power BLE 4.1 SoC
logo
Microchip Technology
ATBTLC1000XR MICROCHIP-ATBTLC1000XR Datasheet
6Mb / 78P
Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
2017
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
Ultra Low Power BLE 4.1 Module
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
Ultra-low Power BLE 4.1 SoC
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com