Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 76 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 76 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 72Page - Microchip Technology ATSAMB11XR Datasheet HTML 73Page - Microchip Technology ATSAMB11XR Datasheet HTML 74Page - Microchip Technology ATSAMB11XR Datasheet HTML 75Page - Microchip Technology ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology ATSAMB11XR Datasheet HTML 78Page - Microchip Technology ATSAMB11XR Datasheet HTML 79Page - Microchip Technology ATSAMB11XR Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
16.
Regulatory Approval
Regulatory approvals received:
ATSAMB11-ZR210CA
•
United States/FCC ID: 2ADHKBZR
•
Canada/ISED
–
IC: 20266-SAMB11ZR
–
HVIN: ATSAMB11-ZR210CA
•
Europe - CE
16.1
United States
The ATSAMB11-ZR210CA module has received Federal Communications Commission (FCC) CFR47
Telecommunications, Part 15 Subpart C “Intentional Radiators” single-modular approval in accordance
with Part 15.212 Modular Transmitter approval. Single-modular transmitter approval is defined as a
complete RF transmission sub-assembly, designed to be incorporated into another device, that must
demonstrate compliance with FCC rules and policies independent of any host. A transmitter with a
modular grant can be installed in different end-use products (referred to as a host, host product, or host
device) by the grantee or other equipment manufacturer, then the host product may not require additional
testing or equipment authorization for the transmitter function provided by that specific module or limited
module device.
The user must comply with all of the instructions provided by the Grantee, which indicate installation
and/or operating conditions necessary for compliance.
A host product itself is required to comply with all other applicable FCC equipment authorization
regulations, requirements, and equipment functions that are not associated with the transmitter module
portion. For example, compliance must be demonstrated: to regulations for other transmitter components
within a host product; to requirements for unintentional radiators (Part 15 Subpart B), such as digital
devices, computer peripherals, radio receivers, etc.; and to additional authorization requirements for the
non-transmitter functions on the transmitter module (i.e., Verification or Declaration of Conformity) as
appropriate (e.g., Bluetooth and Wi-Fi transmitter modules may also contain digital logic functions).
16.1.1
Labeling And User Information Requirements
Due to the limited module size of ATSAMB11-ZR210CA (7.503 mm x10.541 mm), FCC identifier is
displayed only in the datasheet and packaging box label. FCC identifier cannot be displayed on the
module label. When the module is installed inside another device, then the outside of the finished product
into which the module is installed must display a label referring to the enclosed module. This exterior
label can use wording as follows:
For the ATSAMB11-ZR210CA:
Contains Transmitter Module FCC ID: 2ADHKBZR
or
Contains FCC ID: 2ADHKBZR
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two
conditions: (1) this device may not cause harmful interference, and (2) this device must accept
any interference received, including interference that may cause undesired operation
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com