Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 77 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 77 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 73Page - Microchip Technology ATSAMB11XR Datasheet HTML 74Page - Microchip Technology ATSAMB11XR Datasheet HTML 75Page - Microchip Technology ATSAMB11XR Datasheet HTML 76Page - Microchip Technology ATSAMB11XR Datasheet HTML 77Page - Microchip Technology ATSAMB11XR Datasheet HTML 78Page - Microchip Technology ATSAMB11XR Datasheet HTML 79Page - Microchip Technology ATSAMB11XR Datasheet HTML 80Page - Microchip Technology ATSAMB11XR Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
A user's manual for the finished product should include the following statement:
This equipment has been tested and found to comply with the limits for a Class B digital device,
pursuant to part 15 of the FCC Rules. These limits are designed to provide reasonable protection
against harmful interference in a residential installation. This equipment generates, uses and can radiate
radio frequency energy, and if not installed and used in accordance with the instructions, may cause
harmful interference to radio communications. However, there is no guarantee that interference will not
occur in a particular installation. If this equipment does cause harmful interference to radio or television
reception, which can be determined by turning the equipment off and on, the user is encouraged to try
to correct the interference by one or more of the following measures:
•
Reorient or relocate the receiving antenna
•
Increase the separation between the equipment and receiver
•
Connect the equipment into an outlet on a circuit different from that to which the receiver is
connected
•
Consult the dealer or an experienced radio/TV technician for help
Additional information on labeling and user information requirements for Part 15 devices can be found in
KDB Publication 784748, which is available at the FCC Office of Engineering and Technology (OET)
Laboratory Division Knowledge Database (KDB) https://apps.fcc.gov/oetcf/kdb/index.cfm
16.1.2
RF Exposure
All transmitters regulated by FCC must comply with RF exposure requirements. KDB 447498 General RF
Exposure Guidance provides guidance in determining whether proposed or existing transmitting facilities,
operations or devices comply with limits for human exposure to Radio Frequency (RF) fields adopted by
the Federal Communications Commission (FCC).
From the FCC Grant: Output power is conducted.
Module is approved for use in mixed mobile-device and portable-device exposure host platforms. The
antenna(s) used with this transmitter must not be co-located or operating in conjunction with any other
antenna or transmitter.
16.1.3
Helpful Web Sites
Federal Communications Commission (FCC): http://www.fcc.gov
FCC Office of Engineering and Technology (OET) Laboratory Division Knowledge Database (KDB):
https://apps.fcc.gov/oetcf/kdb/index.cfm
16.2
Canada
The ATSAMB11-ZR210CA module has been certified for use in Canada under Innovation, Science and
Economic Development Canada (ISED, formerly Industry Canada) Radio Standards Procedure (RSP)
RSP-100, Radio Standards Specification (RSS) RSS-Gen and RSS-247. Modular approval permits the
installation of a module in a host device without the need to recertify the device.
16.2.1
Labeling and User Information Requirements
Labeling Requirements (from RSP-100 Issue 11, Section 3): The host product shall be properly labeled to
identify the module within the host device.
Due to limited size of the ATSAMB11-ZR210CA (7.503 mm x10.541 mm), the Innovation, Science and
Economic Development Canada certification number is not displayed on the module. Therefore, the host
device must be labeled to display the Innovation, Science and Economic Development Canada
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com