Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMB11XR Datasheet(PDF) 55 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 55 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 51Page - Microchip Technology ATSAMB11XR Datasheet HTML 52Page - Microchip Technology ATSAMB11XR Datasheet HTML 53Page - Microchip Technology ATSAMB11XR Datasheet HTML 54Page - Microchip Technology ATSAMB11XR Datasheet HTML 55Page - Microchip Technology ATSAMB11XR Datasheet HTML 56Page - Microchip Technology ATSAMB11XR Datasheet HTML 57Page - Microchip Technology ATSAMB11XR Datasheet HTML 58Page - Microchip Technology ATSAMB11XR Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
Parameter
Symbol Standard Mode Fast Mode High-speed Mode Units
Min.
Max.
Min. Max.
Min.
Max.
SCL Fall Time
tHLSCL
300
300
10
40
ns
SDA Fall Time
tHLSDA
300
300
10
80
SCL Rise Time
tLHSCL
1000
300
10
40
SDA Rise Time
tLHSDA
1000
300
10
80
START Setup Time
tSUSTA
4.7
0.6
0.16
µs
START Hold Time
tHDSTA
4
0.6
0.16
SDA Setup Time
tSUDAT
250
100
10
ns
SDA Hold Time
tHDDAT
5
40
0
70
STOP Setup time
tSUSTO
4
0.6
0.16
µs
Bus Free Time between STOP and
START
tBUF
4.7
1.3
Glitch Pulse Reject
tPR
0
50
ns
10.9.2
SPI Slave Timing
The SPI Slave timing is provided in the following figure and tables.
Figure 10-7. SPI Slave Timing Diagram
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com